データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM1112-QG データシート(PDF) 2 Page - Ramtron International Corporation

部品番号 FM1112-QG
部品情報  Nonvolatile 3V Quad State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1112-QG データシート(HTML) 2 Page - Ramtron International Corporation

  FM1112-QG Datasheet HTML 1Page - Ramtron International Corporation FM1112-QG Datasheet HTML 2Page - Ramtron International Corporation FM1112-QG Datasheet HTML 3Page - Ramtron International Corporation FM1112-QG Datasheet HTML 4Page - Ramtron International Corporation FM1112-QG Datasheet HTML 5Page - Ramtron International Corporation FM1112-QG Datasheet HTML 6Page - Ramtron International Corporation FM1112-QG Datasheet HTML 7Page - Ramtron International Corporation FM1112-QG Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FM1112 NV Quad State Saver
Rev. 1.0
Aug. 2007
Page 2 of 8
Block Diagram and Truth Table
INPUTS
EN
CLK
Dn
OUTPUT
Qn
H
L
L
H
H
H
H
H or L
X
Q0
L
X
X
Hi-Z
L
Low voltage level
H
High voltage level
X
Don’t Care
CLK rising edge
Q0 Previous output state before CLK ↑
Pin Descriptions
Pin Name
I/O
Description
D(3:0)
I
Data inputs
Q(3:0)
O
Data outputs
CLK
I
Clock: On a rising edge of CLK, the DN inputs are transferred to the QN outputs. While
CLK is high or low, the QN outputs do not change regardless of the state of the data
inputs. See truth table.
EN
I
Enable. This active-high input enables the device. When low, inputs are ignored and
updates to the nonvolatile cells are prevented. When high, the device operates
normally.
VDD
Supply
Power Supply (2.7V to 3.6V)
VSS
Supply
Ground
NV
State
Saver
CLK
DN
QN
EN


同様の部品番号 - FM1112-QG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
More results

同様の説明 - FM1112-QG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
ARTSCHIP ELECTRONICS CO...
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314 Datasheet
201Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com