データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM1110 データシート(PDF) 5 Page - Ramtron International Corporation

部品番号 FM1110
部品情報  Nonvolatile 5V Quad State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1110 データシート(HTML) 5 Page - Ramtron International Corporation

  FM1110 Datasheet HTML 1Page - Ramtron International Corporation FM1110 Datasheet HTML 2Page - Ramtron International Corporation FM1110 Datasheet HTML 3Page - Ramtron International Corporation FM1110 Datasheet HTML 4Page - Ramtron International Corporation FM1110 Datasheet HTML 5Page - Ramtron International Corporation FM1110 Datasheet HTML 6Page - Ramtron International Corporation FM1110 Datasheet HTML 7Page - Ramtron International Corporation FM1110 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FM1110 NV Quad State Saver
Rev. 1.0
Aug. 2007
Page 5 of 8
AC Parameters (TA = -40° C to + 85° C, VDD = 4.5V to 5.5V, CL = 30 pF unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fMAX
Maximum Clock Frequency
1
MHz
tLOW
CLK Low Period
0.3
µs
tHIGH
CLK High Period
0.3
µs
tPD
Propagation delay CLK to QN
50
ns
tHZ
EN Low to QN Hi-Z
25
ns
1
tR
Input Rise Time
100
ns
1
tF
Input Fall Time
100
ns
1
tDS
Data (DN) Setup Time to CLK
5
ns
tDH
Data (DN) Hold Time after CLK
10
ns
tEHD
EN Hold Time (EN High after CLK
)
0
µs
tEH
EN High Time
5
µs
tEL
EN Low Time
2
µs
Notes
1. This parameter is characterized but not tested.
Power Cycling and Data Retention (TA = -40° C to + 85° C, VDD = 4.5V to 5.5V, unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
Nonvolatile Data Retention Time
45
-
years
tVDR
VDD Rise Time
25
-
µs/V
1
tVDF
VDD Fall Time
50
-
µs/V
1
tRES
EN High to QN Restore Time
-
0.5
µs
2
tPDS
EN Low to Power Down Time
1
-
µs
tEHFC
EN High to First Clock (CLK
) after Power Up
4
-
µs
3
Notes
1.
Slope measured at any point on VDD waveform.
2.
After power up, when EN goes high the nonvolatile latches are read and the values restored to the outputs QN.
3.
After power up, this is the minimum time required before a state change operation may occur. EN and VDD may be
coincident at power up, and in this case tEHFC time is referenced to VDD (min) and CLK .
Capacitance (TA = 25° C , f=1.0 MHz, VDD = 5.0V)
Symbol
Parameter
Min
Max
Units
Notes
CI
Input Capacitance
-
14
pF
1
Notes
1.
This parameter is characterized but not tested.


同様の部品番号 - FM1110

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1112-QG RAMTRON-FM1112-QG Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
More results

同様の説明 - FM1110

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
   Nonvolatile 3V Dual State Saver
logo
Xicor Inc.
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
logo
Maxim Integrated Produc...
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
   Quad 10-Bit Nonvolatile DACPOT
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com