データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3101N データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3101N
部品情報  Secondary-Side PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101N データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3101N Datasheet HTML 4Page - National Semiconductor (TI) LM3101N Datasheet HTML 5Page - National Semiconductor (TI) LM3101N Datasheet HTML 6Page - National Semiconductor (TI) LM3101N Datasheet HTML 7Page - National Semiconductor (TI) LM3101N Datasheet HTML 8Page - National Semiconductor (TI) LM3101N Datasheet HTML 9Page - National Semiconductor (TI) LM3101N Datasheet HTML 10Page - National Semiconductor (TI) LM3101N Datasheet HTML 11Page - National Semiconductor (TI) LM3101N Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Functional Description
OscillatorSynchronization Section
The operating frequency is set by a single resistor connect-
ed from the RT pin (pin 1) to ground according to the equa-
tion
FO e 025(RT  20 pF)
kHz X
Inserting a 25 kX for RT sets the oscillator frequency at
500 kHz
The oscillator is capable of synchronizing to an external
source To synchronize the oscillator an external source is
connected to the SYNC pin (pin 4) via a differentiator (see
Figure 1 ) The external source delivers a pulse train to the
differentiator which converts this signal into an AC-coupled
signal The negative-edge of this signal applied to the
SYNC pin will control the oscillator and thus set the operat-
ing frequency The recommended values for RSYNC and
CSYNC are as follows
RSYNC e 1kX (typical)
and
CSYNC  RSYNC l 1(8  FSYNC)
F X kHz
To synchronize to a 600 kHz external source and using a
RSYNC of1kX the CSYNC must be
CSYNC l 1(8  RSYNC  FSYNC) e 1(8  1kX  600 kHz)
e
208 pF
220 pF
The oscillator frequency should range from 67% to 90% of
the synchronization frequency In the above example the
oscillator frequency can be between 400 kHz and 540 kHz
TLH11436 – 6
FIGURE 1 Simplified Version of the
Synchronization Circuit
TLH11436 – 7
FIGURE 2 Simplified Version of the Short
Circuit Frequency Shift Circuit
8


同様の部品番号 - LM3101N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM310 NSC-LM310 Datasheet
348Kb / 16P
   Voltage Follower
logo
Intersil Corporation
LM310 INTERSIL-LM310 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

同様の説明 - LM3101N

メーカー部品番号データシート部品情報
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
   Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
   Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Renesas Technology Corp
IW600 RENESAS-IW600 Datasheet
453Kb / 6P
   Secondary-Side Voltage Positioning Controller
09-Feb-2022
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
   Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com