データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18L08 データシート(PDF) 2 Page - Ramtron International Corporation

部品番号 FM18L08
部品情報  256Kb Bytewide FRAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM18L08 データシート(HTML) 2 Page - Ramtron International Corporation

  FM18L08_07 Datasheet HTML 1Page - Ramtron International Corporation FM18L08_07 Datasheet HTML 2Page - Ramtron International Corporation FM18L08_07 Datasheet HTML 3Page - Ramtron International Corporation FM18L08_07 Datasheet HTML 4Page - Ramtron International Corporation FM18L08_07 Datasheet HTML 5Page - Ramtron International Corporation FM18L08_07 Datasheet HTML 6Page - Ramtron International Corporation FM18L08_07 Datasheet HTML 7Page - Ramtron International Corporation FM18L08_07 Datasheet HTML 8Page - Ramtron International Corporation FM18L08_07 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 3.4
July 2007
2 of 13
Address
Latch
A0-A14
CE
Control
Logic
WE
Row
Decoder
Block Decoder
Column Decoder
A0-A7
A8-A9
A10-A14
I/O Latch
Bus Driver
OE
32,768 x 8 FRAM Array
DQ0-7
Figure 1. Block Diagram
Pin Description
Pin Name
Type
Pin Description
A0-A14
Input
Address: The 15 address lines select one of 32,768 bytes in the FRAM array. The
address value is latched on the falling edge of /CE.
DQ0-7
I/O
Data: 8-bit bi-directional data bus for accessing the FRAM array.
/CE
Input
Chip Enable. /CE selects the device when low. Asserting /CE low causes the address
to be latched internally. Address changes that occur after /CE goes low will be
ignored until the next falling edge occurs.
/OE
Input
Output Enable: Asserting /OE low causes the FM18L08 to drive the data bus when
valid data is available. Deasserting /OE high causes the DQ pins to be tri-stated.
/WE
Input
Write Enable: Asserting /WE low causes the FM18L08 to write the contents of the
data bus to the address location latched by the falling edge of /CE.
VDD
Supply
Supply Voltage
VSS
Supply
Ground
Functional Truth Table
/CE
/WE
Function
H
X
Standby/Precharge
X
Latch Address (and Begin Write if /WE=low)
L
H
Read
L
Write
Note: The /OE pin controls only the DQ output buffers.


同様の部品番号 - FM18L08_07

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM18L08-70-P ETC-FM18L08-70-P Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
FM18L08-70-S ETC-FM18L08-70-S Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results

同様の説明 - FM18L08_07

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com