データシートサーチシステム |
|
FM18L08-70-TG データシート(PDF) 1 Page - Ramtron International Corporation |
|
FM18L08-70-TG データシート(HTML) 1 Page - Ramtron International Corporation |
1 / 13 page This product conforms to specifications per the terms of the Ramtron Ramtron International Corporation standard warranty. The product has completed Ramtron’s internal 1850 Ramtron Drive, Colorado Springs, CO 80921 qualification testing and has reached production status. (800) 545-FRAM, (719) 481-7000 http://www.ramtron.com Rev. 3.4 July 2007 1 of 13 FM18L08 256Kb Bytewide FRAM Memory Features 256K bit Ferroelectric Nonvolatile RAM • Organized as 32,768 x 8 bits • 45 year Data Retention • Unlimited Read/Write Cycles • NoDelay™ Writes • Advanced High-Reliability Ferroelectric Process Superior to Battery-Backed SRAM • No Battery Concerns • Monolithic Reliability • True Surface Mount Solution, No Rework Steps • Superior for Moisture, Shock, and Vibration • Resistant to Negative Voltage Undershoots SRAM & EEPROM Compatible • JEDEC 32Kx8 SRAM & EEPROM pinout • 70 ns Access Time • 140 ns Cycle Time Low Power Operation • 3.0V to 3.65V Operation • 15 mA Active Current • 15 µA Standby Current Industry Standard Configuration • Industrial Temperature -40 ° C to +85° C • 32-pin “Green” TSOP Package • 28-pin SOIC or DIP Package • “Green” Packaging Options Description The FM18L08 is a 256-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or FRAM is nonvolatile and reads and writes like a RAM. It provides data retention for 45 years while eliminating the reliability concerns, functional disadvantages and system design complexities of battery-backed SRAM (BBSRAM). Fast write timing and high write endurance make FRAM superior to other types of nonvolatile memory. In-system operation of the FM18L08 is very similar to other RAM based devices. Read cycle and write cycle times are equal. The FRAM memory, however, is nonvolatile due to its unique ferroelectric memory process. Unlike BBSRAM, the FM18L08 is a truly monolithic nonvolatile memory. It provides the same functional benefits of a fast write without the disadvantages associated with modules and batteries or hybrid memory solutions. These capabilities make the FM18L08 ideal for nonvolatile memory applications requiring frequent or rapid writes in a bytewide environment. The availability of a surface-mount package improves the manufacturability of new designs, while the DIP package facilitates simple design retrofits. Device specifications are guaranteed over a temperature range of -40°C to +85°C. Pin Configurations Ordering Information FM18L08-70-TG 70 ns access, 32-pin “Green” TSOP FM18L08-70-S 70 ns access, 28-pin SOIC FM18L08-70-P 70 ns access, 28-pin DIP FM18L08-70-SG 70 ns access, 28-pin “Green” SOIC FM18L08-70-PG 70 ns access, 28-pin “Green” DIP TSOP-I 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 NC OE A11 A9 A8 A13 WE VDD A14 A12 A7 A6 A5 A4 A3 NC 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 NC A10 CE DQ7 DQ6 DQ5 DQ4 DQ3 VSS DQ2 DQ1 DQ0 A0 A1 A2 NC |
同様の部品番号 - FM18L08-70-TG |
|
同様の説明 - FM18L08-70-TG |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |