データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20L08 データシート(PDF) 7 Page - Ramtron International Corporation

部品番号 FM20L08
部品情報  1Mbit Bytewide FRAM Memory - Industrial Temp.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM20L08 データシート(HTML) 7 Page - Ramtron International Corporation

Back Button FM20L08_07 Datasheet HTML 3Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 4Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 5Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 6Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 7Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 8Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 9Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 10Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FM20L08 - Industrial Temp.
Rev. 1.72
May 2007
Page 7 of 14
Software Write Protect Timing (-TG1 only)
CE
A(16:0)
WE
DQ(7:0)
05555
Data
Data
OE
1AAAA
03333
1CCCC
100FF
0FF00
1AAAA
1CCCC
0FF00
00000
SRAM Drop-In Replacement
The FM20L08 has been designed to be a drop-in
replacement for standard asynchronous SRAMs. The
device does not require /CE to toggle for each new
address. /CE may remain low indefinitely while VDD
is applied. When /CE is low, the device automatically
detects address changes and a new access is begun. It
also allows page mode operation at speeds up to
33MHz.
Although /CE may be held low for extended
periods of time, the pin should not be tied to
ground or held low during power cycles.
/CE
must be pulled high and allowed to track VDD
during powerup and powerdown cycles. It is the
user’s responsibility to ensure that chip enable is
high to prevent incorrect operation.
Figure 3
shows a pullup resistor on /CE which will keep the
pin high during power cycles assuming the
MCU/MPU
pin
tri-states
during
the
reset
condition.
The pullup resistor value should be
chosen to ensure the /CE pin tracks VDD yet a high
enough value that the current drawn when /CE is
low is not an issue.
Figure 3. Use of Pullup Resistor on /CE
For applications that require the lowest power
consumption, the /CE signal should be active only
during memory accesses. Due to the external pullup
resistor, some supply current will be drawn while /CE
is low. When /CE is high, the device draws no more
than the maximum standby current ISB.
The FM20L08 is backward compatible with the
256Kbit FM18L08 device.
So, operating the
FM20L08 with /CE toggling low on every address is
perfectly acceptable.
CE
WE
OE
A(16:0)
DQ
FM20L08
VDD
MCU/
MPU
R


同様の部品番号 - FM20L08_07

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM20L08-60-TG ETC1-FM20L08-60-TG Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
More results

同様の説明 - FM20L08_07

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002 Datasheet
157Kb / 12P
   Memory FRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com