データシートサーチシステム |
|
FM20L08 データシート(PDF) 9 Page - Ramtron International Corporation |
|
FM20L08 データシート(HTML) 9 Page - Ramtron International Corporation |
9 / 14 page FM20L08 - Industrial Temp. Rev. 1.72 May 2007 Page 9 of 14 Read Cycle AC Parameters (TA = -40 ° C to +85° C, C L = 30 pF, VDD = 3.3V +10%, -5% unless otherwise specified) -60 Symbol Parameter Min Max Units Notes tRC Read Cycle Time 350 - ns tCE Chip Enable Access Time - 60 ns tAA Address Access Time - 350 ns tOH Output Hold Time 50 - ns tAAP Page Mode Address Access Time - 25 ns tOHP Page Mode Output Hold Time 5 - ns tCA Chip Enable Active Time 60 - ns tPC Precharge Time 290 - ns tAS Address Setup Time (to /CE low) 5 - ns tAH Address Hold Time (/CE-controlled) 60 - ns tOE Output Enable Access Time - 10 ns tHZ Chip Enable to Output High-Z - 15 ns 1 tOHZ Output Enable High to Output High-Z - 15 ns 1 Write Cycle AC Parameters (TA = -40 ° C to +85° C, V DD = 3.3V +10%, -5% unless otherwise specified) -60 Symbol Parameter Min Max Units Notes tWC Write Cycle Time 350 - ns tCA Chip Enable Active Time 60 - ns tCW Chip Enable to Write Enable High 60 - ns tPC Precharge Time 290 - ns tPWC Page Mode Write Enable Cycle Time 30 - ns tWP Write Enable Pulse Width 15 - ns tAS Address Setup Time (to /CE low) 5 - ns tAH Address Hold Time (/CE-controlled) 60 - ns tASP Page Mode Address Setup Time (to /WE low) 5 - ns tAHP Page Mode Address Hold Time (to /WE low) 15 - ns tWLC Write Enable Low to /CE High 25 - ns tWLA Write Enable Low to A(16:3) Change 25 - ns tAWH A(16:3) Change to Write Enable High 350 - ns tDS Data Input Setup Time 20 - ns tDH Data Input Hold Time 0 - ns tWZ Write Enable Low to Output High Z - 15 ns 1 tWX Write Enable High to Output Driven 5 - ns 1 tWS Write Enable to /CE Low Setup Time 0 - ns 1,2 tWH Write Enable to /CE High Hold Time 0 - ns 1,2 Notes 1 This parameter is characterized but not 100% tested. 2 The relationship between /CE and /WE determines if a /CE- or /WE-controlled write occurs. Power Cycle Timing (TA = -40 ° C to +85° C, V DD = 3.3V +10%, -5% unless otherwise specified) Symbol Parameter Min Max Units Notes tPULV Power Up to /LVL Inactive Time (VTP to /LVL high) 0 5 ms tPDLV Power Down to /LVL Active Time (VTP to /LVL low) 0 15 µs tPU Power Up (/LVL high) to First Access Time 0 - µs tPD Last Access (/CE high) to Power Down (VDD min) 0 - µs tVR VDD Rise Time 50 - µs/V 1 tVF VDD Fall Time 100 - µs/V 1 Notes 1 Slope measured at any point on VDD waveform. |
同様の部品番号 - FM20L08_07 |
|
同様の説明 - FM20L08_07 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |