データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20L08 データシート(PDF) 1 Page - Ramtron International Corporation

部品番号 FM20L08
部品情報  1Mbit Bytewide FRAM Memory - Industrial Temp.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM20L08 データシート(HTML) 1 Page - Ramtron International Corporation

  FM20L08_07 Datasheet HTML 1Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 2Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 3Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 4Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 5Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 6Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 7Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 8Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
Rev. 1.72
May 2007
Page 1 of 14
FM20L08
1Mbit Bytewide FRAM Memory – Industrial Temp.
Features
1Mbit Ferroelectric Nonvolatile RAM
Organized as 128Kx8
Unlimited Read/Write Cycles
NoDelay™ Writes
Page Mode Operation to 33MHz
Advanced High-Reliability Ferroelectric Process
SRAM Replacement
JEDEC 128Kx8 SRAM pinout
60 ns Access Time, 350 ns Cycle Time
System Supervisor
Low Voltage monitor drives external /LVL signal
Write protects memory for low voltage condition
Software programmable block write protect
(-TG1 only)
Superior to Battery-backed SRAM Modules
No battery concerns
Monolithic reliability
True surface mount solution, no rework steps
Superior for moisture, shock, and vibration
Resistant to negative voltage undershoots
Low Power Operation
3.3V +10%, -5% Power Supply
22 mA Active Current
Industry Standard Configurations
Industrial Temperature -40
° C to +85° C
32-pin “Green”/RoHS TSOP (-TG)
Description
The FM20L08 is a 128K x 8 nonvolatile memory that
reads
and
writes
like
a
standard
SRAM.
A
ferroelectric random access memory or FRAM is
nonvolatile, which means that data is retained after
power is removed. It provides data retention for over
10 years while eliminating the reliability concerns,
functional
disadvantages,
and
system
design
complexities of battery-backed SRAM (BBSRAM).
Fast write timing and unlimited write endurance make
FRAM superior to other types of memory.
In-system operation of the FM20L08 is very similar
to other RAM devices and can be used as a drop-in
replacement for standard SRAM. Read and write
cycles may be triggered by /CE or simply by
changing the address. The FRAM memory is
nonvolatile due to its unique ferroelectric memory
process. These features make the FM20L08 ideal for
nonvolatile memory applications requiring frequent
or rapid writes in the form of an SRAM.
The FM20L08 includes a voltage monitor function
that monitors the power supply voltage. It asserts an
active-low signal that indicates the memory is write-
protected when VDD drops below a critical threshold.
When the /LVL signal is low, the memory is
protected against an inadvertent access and data
corruption.
The FM20L08 also features software-controlled write
protection (-TG1 only). The memory array is divided
into 8 uniform blocks, each of which can be
individually write protected.
Device
specifications
are
guaranteed
over
the
industrial temperature range -40°C to +85°C.
Pin Configuration
Ordering Information
FM20L08-60-TG
60 ns access, 32-pin
“Green”/RoHS TSOP
FM20L08-60-TG1
60 ns access, 32-pin
“Green”/RoHS TSOP with
software Write Protect
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A11
A9
A8
A13
WE
DNU
A15
VDD
LVL
A16
A14
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3


同様の部品番号 - FM20L08_07

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM20L08-60-TG ETC1-FM20L08-60-TG Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
More results

同様の説明 - FM20L08_07

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002 Datasheet
157Kb / 12P
   Memory FRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com