データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20L08 データシート(PDF) 10 Page - Ramtron International Corporation

部品番号 FM20L08
部品情報  1Mbit Bytewide FRAM Memory - Industrial Temp.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM20L08 データシート(HTML) 10 Page - Ramtron International Corporation

Back Button FM20L08_07 Datasheet HTML 6Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 7Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 8Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 9Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 10Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 11Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 12Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 13Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FM20L08 - Industrial Temp.
Rev. 1.72
May 2007
Page 10 of 14
Data Retention (VDD = 3.3V +10%, -5%)
Parameter
Min
Max
Units
Notes
Data Retention
10
-
Years
Capacitance (TA = 25° C , f=1 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CI/O
Input/Output Capacitance (DQ)
-
8
pF
1
CIN
Input Capacitance
-
6
pF
1
Notes
1.
This parameter is characterized and not 100% tested.
AC Test Conditions
Input Pulse Levels
0 to 3V
Input rise and fall times
3 ns
Input and output timing levels
1.5V
Output Load Capacitance
30 pF
Read Cycle Timing 1 (/CE low, /OE low)
A(16:0)
DQ(7:0)
t
RC
t
OH
t
AA
t
OH
Read Cycle Timing 2 (/CE-controlled)
CE
A(16:0)
OE
DQ(7:0)
t
AS
t
CE
t
CA
t
PC
t
OE
t
OHZ
t
HZ
t
AH


同様の部品番号 - FM20L08_07

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM20L08-60-TG ETC1-FM20L08-60-TG Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
More results

同様の説明 - FM20L08_07

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002 Datasheet
157Kb / 12P
   Memory FRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com