データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20L08 データシート(PDF) 2 Page - Ramtron International Corporation

部品番号 FM20L08
部品情報  1Mbit Bytewide FRAM Memory - Industrial Temp.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM20L08 データシート(HTML) 2 Page - Ramtron International Corporation

  FM20L08_07 Datasheet HTML 1Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 2Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 3Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 4Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 5Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 6Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 7Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 8Page - Ramtron International Corporation FM20L08_07 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FM20L08 - Industrial Temp.
Rev. 1.72
May 2007
Page 2 of 14
CE
Control
Logic
WE
A(16:3)
A(2:0)
I/O Latch & Bus Driver
OE
DQ(7:0)
16K x 8 block
16K x 8 block
16K x 8 block
16K x 8 block
16K x 8 block
16K x 8 block
16K x 8 block
16K x 8 block
VDD Monitor
VDD
LVL
A(16:0)
Write
Protect
Column Decoder
. . .
Figure 1. Block Diagram
Pin Description
Pin Name
Type
Pin Description
A(16:0)
Input
Address inputs: The 17 address lines select one of 131,072 bytes in the FRAM array. The
address value is latched on the falling edge of /CE. Addresses A(2:0) are used for page
mode read and write operations.
/CE
Input
Chip Enable inputs: The device is selected and a new memory access begins when /CE is
low. The entire address is latched internally on the falling edge of chip enable.
Subsequent changes to the A(2:0) address inputs allow page mode operation.
/WE
Input
Write Enable: A write cycle begins when /WE is asserted. The rising edge causes the
FM20L08 to write the data on the DQ bus to the FRAM array. The falling edge of /WE
latches a new column address for fast page mode write cycles.
/OE
Input
Output Enable: When /OE is low, the FM20L08 drives the data bus when valid data is
available. Deasserting /OE high tri-states the DQ pins.
DQ(7:0)
I/O
Data: 8-bit bi-directional data bus for accessing the FRAM array.
/LVL
Output
Low Voltage Lockout: When the voltage monitor detects that VDD is below VTP, the
/LVL pin will be asserted low. While /LVL is low, the memory array cannot be accessed
which prevents a low voltage write from corrupting data. When VDD is within its normal
operating limits, the /LVL signal will be pulled high.
DNU
-
Do Not Use: This pin should be left unconnected.
VDD
Supply
Supply Voltage: 3.3V
VSS
Supply
Ground


同様の部品番号 - FM20L08_07

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM20L08-60-TG ETC1-FM20L08-60-TG Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
More results

同様の説明 - FM20L08_07

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002 Datasheet
157Kb / 12P
   Memory FRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com