データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18L08-70-P データシート(PDF) 5 Page - Ramtron International Corporation

部品番号 FM18L08-70-P
部品情報  256Kb Bytewide FRAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM18L08-70-P データシート(HTML) 5 Page - Ramtron International Corporation

  FM18L08-70-P Datasheet HTML 1Page - Ramtron International Corporation FM18L08-70-P Datasheet HTML 2Page - Ramtron International Corporation FM18L08-70-P Datasheet HTML 3Page - Ramtron International Corporation FM18L08-70-P Datasheet HTML 4Page - Ramtron International Corporation FM18L08-70-P Datasheet HTML 5Page - Ramtron International Corporation FM18L08-70-P Datasheet HTML 6Page - Ramtron International Corporation FM18L08-70-P Datasheet HTML 7Page - Ramtron International Corporation FM18L08-70-P Datasheet HTML 8Page - Ramtron International Corporation FM18L08-70-P Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FM18L08
Rev. 3.4
July 2007
5 of 13
A second design consideration relates to the level of
VDD during operation. Battery-backed SRAMs are
forced to monitor VDD in order to switch to battery
backup. They typically block user access below a
certain VDD level in order to prevent loading the
battery with current demand from an active SRAM.
The user can be abruptly cut off from access to the
memory in a power down situation without warning.
FRAM memories do not need this system overhead.
The memory will not block access at any VDD level.
The user, however, should prevent the processor from
accessing memory when VDD is out-of-tolerance. The
common design practice of holding a processor in
reset during powerdown may be sufficient. It is
recommended that Chip Enable is pulled high and
allowed to track VDD during powerup and powerdown
cycles. It is the user’s responsibility to ensure that
chip enable is high to prevent accesses below VDD
min. (3.0V).
Figure 3 shows an external pullup
resistor on /CE which will keep the pin high during
power cycles assuming the MCU/MPU pin tri-states
during the reset condition. The pullup resistor value
should be chosen to ensure the /CE pin tracks VDD yet
a high enough value that the current drawn when /CE
is low is not an issue.
Figure 3. Use of Pullup Resistor on /CE
CE
WE
OE
A(14:0)
DQ
FM18L08
VDD
MCU/
MPU
R


同様の部品番号 - FM18L08-70-P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM18L08-70-P ETC-FM18L08-70-P Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results

同様の説明 - FM18L08-70-P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com