データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18L08-70-SG データシート(PDF) 4 Page - Ramtron International Corporation

部品番号 FM18L08-70-SG
部品情報  256Kb Bytewide FRAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM18L08-70-SG データシート(HTML) 4 Page - Ramtron International Corporation

  FM18L08-70-SG Datasheet HTML 1Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 2Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 3Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 4Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 5Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 6Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 7Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 8Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FM18L08
Rev. 3.4
July 2007
4 of 13
must remain high for at least the minimum precharge
timing specification.
The user dictates the beginning of this operation since
a precharge will not begin until /CE rises. However,
the device has a maximum /CE low time specification
that must be satisfied.
FRAM Design Considerations
When designing with FRAM for the first time, users
of SRAM will recognize a few minor differences.
First, bytewide FRAM memories latch each address
on the falling edge of chip enable. This allows the
address bus to change after starting the memory
access. Since every access latches the memory
address on the falling edge of /CE, users cannot
ground it as they might with SRAM.
Users who are modifying existing designs to use
FRAM should examine the memory controller for
timing compatibility of address and control pins.
Each memory access must be qualified with a low
transition of /CE. In many cases, this is the only
change
required.
An
example
of
the
signal
relationships is shown in Figure 2 below. Also shown
is a common SRAM signal relationship that will not
work for the FM18L08.
The reason for /CE to strobe for each address is two-
fold: it latches the new address and creates the
necessary precharge period while /CE is high.
Address 1
Address 2
Data 1
Data 2
Valid Memory Signaling Relationship
CE
Address
Data
FRAM
signaling
Address 2
Data 1
CE
Address
Data
SRAM
signaling
Invalid Memory Signaling Relationship
Address 1
Data 2
Figure 2. Memory Address Relationships


同様の部品番号 - FM18L08-70-SG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM18L08-70-S ETC-FM18L08-70-S Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results

同様の説明 - FM18L08-70-SG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com