データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM18L08-70-SG データシート(PDF) 3 Page - Ramtron International Corporation

部品番号 FM18L08-70-SG
部品情報  256Kb Bytewide FRAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM18L08-70-SG データシート(HTML) 3 Page - Ramtron International Corporation

  FM18L08-70-SG Datasheet HTML 1Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 2Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 3Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 4Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 5Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 6Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 7Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 8Page - Ramtron International Corporation FM18L08-70-SG Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FM18L08
Rev. 3.4
July 2007
3 of 13
Overview
The FM18L08 is a bytewide FRAM memory. The
memory array is logically organized as 32,768 x 8
and is accessed using an industry standard parallel
interface. All data written to the part is immediately
nonvolatile with no delay. Functional operation of the
FRAM memory is the same as SRAM type devices,
except the FM18L08 requires a falling edge of /CE to
start each memory cycle.
Memory Operation
Users access 32,768 memory locations each with 8
data bits through a parallel interface. The cycle time
is the same for read and write memory operations.
This simplifies memory controller logic and timing
circuits. Likewise the access time is the same for read
and
write
memory
operations.
When
/CE
is
deasserted high, a precharge operation begins, and is
required of every memory cycle. Thus unlike SRAM,
the access and cycle times are not equal. Writes occur
immediately at the end of the access with no delay.
Unlike an EEPROM, it is not necessary to poll the
device for a ready condition since writes occur at bus
speed.
Note that the FM18L08 contains a limited low
voltage write protection circuit. This will prevent
access when VDD is much lower than the specified
operating range. It is still the user’s responsibility to
ensure that VDD is within data sheet tolerances to
prevent incorrect operation.
The FM18L08 is designed to operate in a manner
similar to other bytewide memory products. For users
familiar with SRAM, the performance is comparable
but the bytewide interface operates in a slightly
different manner as described below. For users
familiar with EEPROM, the obvious differences
result from the higher write performance of FRAM
technology including NoDelay writes and from
unlimited write endurance.
Read Operation
A read operation begins on the falling edge of /CE.
At this time, the address bits are latched and a
memory cycle is initiated. Once started, a full
memory
cycle
must
be
completed
internally
regardless of the state of /CE. Data becomes available
on the bus after the access time has been satisfied.
After the address has been latched, the address value
may be changed upon satisfying the hold time
parameter. Unlike an SRAM, changing address values
will have no effect on the memory operation after the
address is latched.
The FM18L08 drives the data bus when /OE is
asserted to a low state. If /OE is asserted after the
memory access time has been satisfied, the data bus
will be driven with valid data. If /OE is asserted prior
to completion of the memory access, the data bus will
be driven when valid data is available. This feature
minimizes supply current in the system by eliminating
transients caused by invalid data being driven onto
the bus. When /OE is inactive the data bus will
remain tri-stated.
Write Operation
Writes operations require the same time as reads. The
FM18L08 supports both /CE- and /WE-controlled
write cycles. In all cases, the address is latched on the
falling edge of /CE.
In a /CE-controlled write, the /WE signal is asserted
prior to beginning the memory cycle. That is, /WE is
low when /CE falls. In this case, the device begins the
memory cycle as a write. The FM18L08 will not
drive the data bus regardless of the state of /OE.
In a /WE-controlled write, the memory cycle begins
on the falling edge of /CE. The /WE signal falls after
the falling edge of /CE. Therefore, the memory cycle
begins as a read. The data bus will be driven
according to the state of /OE until /WE falls. The
timing of both /CE- and /WE-controlled write cycles
is shown in the electrical specifications.
Write access to the array begins asynchronously after
the memory cycle is initiated. The write access
terminates on the rising edge of /WE or /CE,
whichever is first. Data set-up time, as shown in the
electrical specifications, indicates the interval during
which data cannot change prior to the end of the write
access.
Unlike other truly nonvolatile memory technologies,
there is no write delay with FRAM. Since the read
and write access times of the underlying memory are
the same, the user experiences no delay through the
bus. The entire memory operation occurs in a single
bus cycle. Therefore, any operation including read or
write can occur immediately following a write. Data
polling,
a
technique
used
with
EEPROMs
to
determine if a write is complete, is unnecessary.
Precharge Operation
The precharge operation is an internal condition
where the state of the memory is prepared for a new
access. All memory cycles consist of a memory
access and a precharge. The precharge is user
initiated by taking the /CE signal high or inactive. It


同様の部品番号 - FM18L08-70-SG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM18L08-70-S ETC-FM18L08-70-S Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results

同様の説明 - FM18L08-70-SG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com