データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM21L16 データシート(PDF) 10 Page - Ramtron International Corporation

部品番号 FM21L16
部品情報  2Mbit FRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21L16 データシート(HTML) 10 Page - Ramtron International Corporation

Back Button FM21L16 Datasheet HTML 6Page - Ramtron International Corporation FM21L16 Datasheet HTML 7Page - Ramtron International Corporation FM21L16 Datasheet HTML 8Page - Ramtron International Corporation FM21L16 Datasheet HTML 9Page - Ramtron International Corporation FM21L16 Datasheet HTML 10Page - Ramtron International Corporation FM21L16 Datasheet HTML 11Page - Ramtron International Corporation FM21L16 Datasheet HTML 12Page - Ramtron International Corporation FM21L16 Datasheet HTML 13Page - Ramtron International Corporation FM21L16 Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FM21L16 - 128Kx16 FRAM
Rev. 1.0
Sept. 2007
Page 10 of 14
Power Cycle and Sleep Mode Timing (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
Power Up to First Access Time (after VTP is reached)
450
-
µs
tPD
Last Write (/WE high) to Power Down Time (prior to VTP)
0
-
µs
tVR
VDD Rise Time
50
-
µs/V
1,2
tVF
VDD Fall Time
100
-
µs/V
1,2
tZZH
/ZZ Active to DQ Hi-Z Time
-
20
ns
tWEZZ
Last Write to Sleep Mode Entry Time
0
-
µs
tZZL
/ZZ Active Low Time
1
-
µs
tZZEN
Sleep Mode Entry Time (/ZZ low to /CE don’t care)
-
0
µs
tZZEX
Sleep Mode Exit Time (/ZZ high to 1
st access after wakeup)
-
450
µs
Notes
1.
Slope measured at any point on VDD waveform.
2.
Ramtron cannot test or characterize all VDD power ramp profiles. The behavior of the internal circuits is difficult to predict
when VDD is below the level of a transistor threshold voltage. Ramtron strongly recommends that VDD power up faster than
100ms through the range of 0.4V to 1.0V.
Data Retention (VDD = 2.7V to 3.6V)
Parameter
Min
Units
Notes
Data Retention
10
Years
AC Test Conditions
Input Pulse Levels
0 to 3V
Input and Output Timing Levels
1.5V
Input Rise and Fall Times
3 ns
Output Load Capacitance
30pF
Read Cycle Timing 1 (/CE low, /OE low)
Read Cycle Timing 2 (/CE-controlled)


同様の部品番号 - FM21L16

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21L16 CYPRESS-FM21L16 Datasheet
1Mb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
FM21L16-60-TG CYPRESS-FM21L16-60-TG Datasheet
1Mb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
FM21L16-60-TGTR CYPRESS-FM21L16-60-TGTR Datasheet
1Mb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
More results

同様の説明 - FM21L16

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002 Datasheet
157Kb / 12P
   Memory FRAM
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
IC-Haus GmbH
IC-RMF ICHAUS-IC-RMF Datasheet
244Kb / 5P
   NONVOLATILE FRAM MEMORY
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22L16 RAMTRON-FM22L16 Datasheet
189Kb / 15P
   4Mbit FRAM Memory
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com