データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM21L16-60-TG データシート(PDF) 2 Page - Ramtron International Corporation

部品番号 FM21L16-60-TG
部品情報  2Mbit FRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21L16-60-TG データシート(HTML) 2 Page - Ramtron International Corporation

  FM21L16-60-TG Datasheet HTML 1Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 2Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 3Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 4Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 5Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 6Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 7Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 8Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FM21L16 - 128Kx16 FRAM
Rev. 1.0
Sept. 2007
Page 2 of 14
CE
Control
Logic
WE
A(16:2)
A(1:0)
I/O Latch & Bus Driver
OE
DQ(15:0)
16K x 16 block
16K x 16 block
16K x 16 block
16K x 16 block
16K x 16 block
16K x 16 block
16K x 16 block
16K x 16 block
A(16:0)
Column Decoder
UB, LB
2
ZZ
Figure 1. Block Diagram
Pin Description
Pin Name
Type
Pin Description
A(16:0)
Input
Address inputs: The 17 address lines select one of 131,072 words in the FRAM array.
The lowest two address lines A(1:0) may be used for page mode read and write
operations.
/CE
Input
Chip Enable input: The device is selected and a new memory access begins when /CE is
low and /ZZ is high. The entire address is latched internally on the falling edge of /CE.
Subsequent changes to the A(1:0) address inputs allow page mode operation when /CE
is low.
/WE
Input
Write Enable: A write cycle begins when /WE is asserted. The rising edge causes the
FM21L16 to write the data on the DQ bus to the FRAM array. The falling edge of /WE
latches a new column address for page mode write cycles.
/OE
Input
Output Enable: When /OE is low, the FM21L16 drives the data bus when valid read
data is available. Deasserting /OE high tri-states the DQ pins.
/ZZ
Input
Sleep: When /ZZ is low, the device enters a low power sleep mode for the lowest supply
current condition. Since this input is logically AND’d with /CE, /ZZ must be high for
normal read/write operation. If unused, tie /ZZ to VDD.
DQ(15:0)
I/O
Data: 16-bit bi-directional data bus for accessing the FRAM array.
/UB
Input
Upper Byte Select: Enables DQ(15:8) pins during reads and writes. These pins are hi-Z
if /UB is high.
/LB
Input
Lower Byte Select: Enables DQ(7:0) pins during reads and writes. These pins are hi-Z
if /LB is high.
VDD
Supply
Supply Voltage: 3.3V
VSS
Supply
Ground


同様の部品番号 - FM21L16-60-TG

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM21L16-60-TG CYPRESS-FM21L16-60-TG Datasheet
1Mb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
FM21L16-60-TGTR CYPRESS-FM21L16-60-TGTR Datasheet
1Mb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
More results

同様の説明 - FM21L16-60-TG

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002 Datasheet
157Kb / 12P
   Memory FRAM
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
IC-Haus GmbH
IC-RMF ICHAUS-IC-RMF Datasheet
244Kb / 5P
   NONVOLATILE FRAM MEMORY
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22L16 RAMTRON-FM22L16 Datasheet
189Kb / 15P
   4Mbit FRAM Memory
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com