データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM21L16-60-TG データシート(PDF) 3 Page - Ramtron International Corporation

部品番号 FM21L16-60-TG
部品情報  2Mbit FRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21L16-60-TG データシート(HTML) 3 Page - Ramtron International Corporation

  FM21L16-60-TG Datasheet HTML 1Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 2Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 3Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 4Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 5Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 6Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 7Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 8Page - Ramtron International Corporation FM21L16-60-TG Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FM21L16 - 128Kx16 FRAM
Rev. 1.0
Sept. 2007
Page 3 of 14
Functional Truth Table
1,2
/CE
/WE
A(16:2)
A(1:0)
/ZZ
Operation
X
X
X
X
L
Sleep Mode
H
X
X
X
H
Standby/Idle
H
V
V
H
Read
L
H
No Change
Change
H
Page Mode Read
L
H
Change
V
H
Random Read
L
V
V
H
/CE-Controlled Write
L
V
V
H
/WE-Controlled Write
2
L
No Change
V
H
Page Mode Write
3
X
X
X
H
Starts Precharge
Notes:
1)
H=Logic High, L=Logic Low, V=Valid Data, X=Don’t Care.
2)
/WE-controlled write cycle begins as a Read cycle and A(16:2) is latched then.
3)
Addresses A(1:0) must remain stable for at least 10 ns during page mode operation.
4)
For write cycles, data-in is latched on the rising edge of /CE or /WE, whichever comes first.
Byte Select Truth Table
/OE
/LB
/UB
Operation
H
X
X
X
H
H
Read; Outputs Disabled
H
L
Read; DQ(7:0) Hi-Z
L
H
Read; DQ(15:8) Hi-Z
L
L
L
Read
H
L
Write; Mask DQ(7:0)
L
H
Write; Mask DQ(15:8)
X
L
L
Write
Simplified Sleep/Standby State Diagram


同様の部品番号 - FM21L16-60-TG

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM21L16-60-TG CYPRESS-FM21L16-60-TG Datasheet
1Mb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
FM21L16-60-TGTR CYPRESS-FM21L16-60-TGTR Datasheet
1Mb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
More results

同様の説明 - FM21L16-60-TG

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB85R1002 FUJITSU-MB85R1002 Datasheet
157Kb / 12P
   Memory FRAM
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
IC-Haus GmbH
IC-RMF ICHAUS-IC-RMF Datasheet
244Kb / 5P
   NONVOLATILE FRAM MEMORY
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22L16 RAMTRON-FM22L16 Datasheet
189Kb / 15P
   4Mbit FRAM Memory
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com