データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C256 データシート(PDF) 11 Page - Ramtron International Corporation

部品番号 FM24C256
部品情報  256Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C256 データシート(HTML) 11 Page - Ramtron International Corporation

Back Button FM24C256 Datasheet HTML 4Page - Ramtron International Corporation FM24C256 Datasheet HTML 5Page - Ramtron International Corporation FM24C256 Datasheet HTML 6Page - Ramtron International Corporation FM24C256 Datasheet HTML 7Page - Ramtron International Corporation FM24C256 Datasheet HTML 8Page - Ramtron International Corporation FM24C256 Datasheet HTML 9Page - Ramtron International Corporation FM24C256 Datasheet HTML 10Page - Ramtron International Corporation FM24C256 Datasheet HTML 11Page - Ramtron International Corporation FM24C256 Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FM24C256
Rev 3.1
May 2005
Page 11 of 12
Mechanical Drawing
8-pin EIAJ SOIC
Pin 1
5.28 ±0.10
8.00 ±0.25
5.23 ±0.10
0.05
0.25
1.78
2.00
0.36
0.50
1.27
0.10 mm
0.51
0.76
0.19
0.25
0
°- 8°
Recommended PCB Footprint
9.30
0.65
1.27
2.15
5.00
All dimensions in millimeters.
EIAJ SOIC Package Marking Scheme
Legend:
XXXXXX= part number
LLLLLLL= lot code
RIC=Ramtron Int’l Corp, YY=year, WW=work week
FM24C256, “Green” EIAJ SOIC package, Year 2004, Work Week 50
FM24C256-G
A40003S1
RIC 0450
FM24C256, Standard EIAJ SOIC package (-SE)
RIC
FM24C256-S
(Lot Code and Date Code on backside of package)
XXXXXXX-G
LLLLLLL
RIC YYWW
RIC
XXXXXXX-S


同様の部品番号 - FM24C256

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C256 FAIRCHILD-FM24C256 Datasheet
89Kb / 12P
   256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM24C256-SE ETC1-FM24C256-SE Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Fairchild Semiconductor
FM24C256EYYX FAIRCHILD-FM24C256EYYX Datasheet
89Kb / 12P
   256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
FM24C256FEYYX FAIRCHILD-FM24C256FEYYX Datasheet
89Kb / 12P
   256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
More results

同様の説明 - FM24C256

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com