データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C512 データシート(PDF) 2 Page - Ramtron International Corporation

部品番号 FM24C512
部品情報  512Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C512 データシート(HTML) 2 Page - Ramtron International Corporation

  FM24C512 Datasheet HTML 1Page - Ramtron International Corporation FM24C512 Datasheet HTML 2Page - Ramtron International Corporation FM24C512 Datasheet HTML 3Page - Ramtron International Corporation FM24C512 Datasheet HTML 4Page - Ramtron International Corporation FM24C512 Datasheet HTML 5Page - Ramtron International Corporation FM24C512 Datasheet HTML 6Page - Ramtron International Corporation FM24C512 Datasheet HTML 7Page - Ramtron International Corporation FM24C512 Datasheet HTML 8Page - Ramtron International Corporation FM24C512 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FM24C512
Rev. 1.0
Aug. 2006
Page 2 of 12
Address
Latch
8,192 x 64
FRAM Array
Data Latch
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
A1,A2
Figure 1. Block Diagram
Pin Description
Pin Name
Type
Pin Description
A1, A2
Input
Address 1, 2: These pins are used to select one of up to 4 devices of the same type on
the same two-wire bus. To select the device, the address value on the two pins must
match the corresponding bits contained in the device address. The address pins are
pulled down internally.
WP
Input
Write Protect: When WP is high, the entire array will be write-protected. When WP is
low, all addresses may be written. This pin is internally pulled down.
SDA
I/O
Serial Data/Address: This is a bi-directional input used to shift serial data and
addresses for the two-wire interface. It employs an open-drain output and is intended
to be wire-OR d with other devices on the two-wire bus. The input buffer incorporates
a Schmitt trigger for improved noise immunity and the output driver has slope control
for falling edges. An external pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock input for the two-wire interface. Data is clocked out of
the device on the SCL falling edge, and clocked in on the SCL rising edge. The SCL
input also incorporates a Schmitt trigger input for improved noise immunity.
VDD
Supply
Supply Voltage: 5V
VSS
Supply
Ground


同様の部品番号 - FM24C512

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C02 FAIRCHILD-FM24C02 Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U/03U FAIRCHILD-FM24C02U/03U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results

同様の説明 - FM24C512

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com