データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C512-G データシート(PDF) 5 Page - Ramtron International Corporation

部品番号 FM24C512-G
部品情報  512Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C512-G データシート(HTML) 5 Page - Ramtron International Corporation

  FM24C512-G Datasheet HTML 1Page - Ramtron International Corporation FM24C512-G Datasheet HTML 2Page - Ramtron International Corporation FM24C512-G Datasheet HTML 3Page - Ramtron International Corporation FM24C512-G Datasheet HTML 4Page - Ramtron International Corporation FM24C512-G Datasheet HTML 5Page - Ramtron International Corporation FM24C512-G Datasheet HTML 6Page - Ramtron International Corporation FM24C512-G Datasheet HTML 7Page - Ramtron International Corporation FM24C512-G Datasheet HTML 8Page - Ramtron International Corporation FM24C512-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FM24C512
Rev. 1.0
Aug. 2006
Page 5 of 12
Addressing Overview
After the FM24C512 (as receiver) acknowledges the
Slave Address, the master can drive the remaining
portion of the memory address for a write operation.
The complete address is specified by the A15 bit in
the Slave Address and two additional bytes (A14-
A0). The first address byte specifies A14
A8, where
the first of the eight bits is a don t care . Following
the upper address byte is the lower byte (A7
A0).
The address value A(14:0) is latched internally. The
MSB A15 is not latched. Each access causes the
latched
address
value
to
be
incremented
automatically. The current address is the value that is
held in the latch, either a newly written value or the
address following the last access. The current address
will be held as long as power remains or until a new
value is written. Reads always use the current
address, however A15 must be specified. A random
read address can be loaded by starting a write
operation as explained below.
After transmission of each data byte, just prior to the
acknowledge, the FM24C512 increments the internal
address latch. This allows the next sequential byte to
be accessed with no additional addressing externally.
When auto-incrementing, the user must be aware that
the address DOES NOT increment from 7FFFh to
8000h and DOES NOT wrap from FFFFh to 0000h.
The memory should be treated as two separate
address spaces, an upper and lower. When the last
address in the lower half (7FFFh) is reached, the
address rolls over to 0000h. Likewise when the last
address in the upper half (FFFFh) is reached, the
address rolls over to 8000h.
Data Transfer
After the address information has been transmitted,
data transfer between the bus master and the
FM24C512 can begin. For a read operation the
FM24C512 will place 8 data bits on the bus then wait
for an Acknowledge from the master. If the
Acknowledge occurs, the FM24C512 will transfer the
next sequential byte. If the Acknowledge is not sent,
the FM24C512 will end the read operation. For a
write operation, the FM24C512 will accept 8 data
bits from the master then send an acknowledge. All
data transfer occurs MSB (most significant bit) first.
Memory Operation
The FM24C512 is designed to operate in a manner
very similar to other 2-wire interface memory
products. The major differences result from the
higher performance write capability of FRAM
technology. These improvements result in some
differences between the FM24C512 and a similar
configuration EEPROM during writes. The complete
operation for both writes and reads is explained
below.
Write Operation
All writes begin with a Slave Address, then a
memory address. The bus master indicates a write
operation by setting the LSB of the Slave Address to
a 0 . After addressing, the bus master sends each
byte of data to the memory and the memory
generates an Acknowledge condition. Sequential
bytes may be written through the address space
however
care
must
be
taken
when
auto-
incrementing. The memory is separated into an
upper and lower address space. The auto-increment
feature of the device will cause the address to wrap
from 7FFFh to 0000h in the lower half and wrap
from FFFFh to 8000h for the upper half of the
memory.
Unlike other nonvolatile memory technologies,
there is essentially no write delay with FRAM.
Since the read and write access times of the
underlying
memory
are
the
same,
the
user
experiences no delay on the bus. The entire memory
cycle occurs in less time than a single bus clock.
Therefore, any operation including a read or write
can
occur
immediately
following
a
write.
Acknowledge
polling,
a
technique
used
with
EEPROMs to determine if a write has completed is
unnecessary and
will
always
return
a
ready
condition.
Internally, an actual memory write occurs after the
8
th data bit is transferred. It will be complete before
the Acknowledge is sent. Therefore, if the user
desires to abort a write without altering the memory
contents, this should be done using a Start or Stop
condition prior to the 8
th data bit. The FM24C512
uses no page buffering.
The memory array can be write protected using the
WP pin. Pulling the WP pin high will write-protect
all addresses. The FM24C512 will not acknowledge
data bytes that are written when WP is active. In
addition, the address counter will not increment if
writes are attempted to these addresses. Setting WP
low will deactivate this feature. WP is internally
pulled down. The state of WP should remain stable
from the Start command until the address is
complete.
Figure 5 and 6 below illustrate both a single-byte
and multiple-write.


同様の部品番号 - FM24C512-G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C02 FAIRCHILD-FM24C02 Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U/03U FAIRCHILD-FM24C02U/03U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results

同様の説明 - FM24C512-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com