データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C64-G データシート(PDF) 10 Page - Ramtron International Corporation

部品番号 FM24C64-G
部品情報  64Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C64-G データシート(HTML) 10 Page - Ramtron International Corporation

Back Button FM24C64-G Datasheet HTML 4Page - Ramtron International Corporation FM24C64-G Datasheet HTML 5Page - Ramtron International Corporation FM24C64-G Datasheet HTML 6Page - Ramtron International Corporation FM24C64-G Datasheet HTML 7Page - Ramtron International Corporation FM24C64-G Datasheet HTML 8Page - Ramtron International Corporation FM24C64-G Datasheet HTML 9Page - Ramtron International Corporation FM24C64-G Datasheet HTML 10Page - Ramtron International Corporation FM24C64-G Datasheet HTML 11Page - Ramtron International Corporation FM24C64-G Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FM24C64
Rev. 3.0
Mar. 2005
10 of 12
AC Test Conditions
Equivalent AC Load Circuit
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Diagram Notes
All start and stop timing parameters apply to both read and write
cycles. Clock specifications are identical for read and write cycles.
Write timing parameters apply to slave address, word address, and
write data bits. Functional relationships are illustrated in the relevant
data sheet sections. These diagrams illustrate the timing parameters
only.
Read Bus Timing
SCL
SDA
Stop
Start
Valid
Data bit 7
from FM24C64
Data bit 6
from FM24C64
Start
Valid
Acknowledge
to FM24C64
Data bits
5-0 from FM24C64
tSU:STA
tR
tF
tBUF
tHIGH
1/fSCL
tLOW
tAA
tDH
tSU:DAT
tSP
tHD:DAT
tSP
Write Bus Timing
SCL
SDA
Stop
Start
Valid
Data/Address bit 7
to FM24C64
Start
Valid
Acknowledge
from FM24C64
tSU:STO
Data/Address bit 6
to FM24C64
Data/Address bit 5-0
to FM24C64
tHD:STA
tSU:DAT
tHD:DAT
tAA
Data Retention (VDD = 4.5V to 5.5V, +85° C)
Parameter
Min
Units
Notes
Data Retention
45
Years
5.5V
Output
1700
100 pF


同様の部品番号 - FM24C64-G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C64 ETC-FM24C64 Datasheet
320Kb / 13P
   FM24C64
logo
Ramtron International C...
FM24C64 RAMTRON-FM24C64 Datasheet
7Mb / 28P
   VersaKit-30xx Development System Overview
Rev 2.0
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM24C64-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
   64Kb 2.7V-3.6V FRAM Serial Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com