データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C256-G データシート(PDF) 3 Page - Ramtron International Corporation

部品番号 FM24C256-G
部品情報  256Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C256-G データシート(HTML) 3 Page - Ramtron International Corporation

  FM24C256-G Datasheet HTML 1Page - Ramtron International Corporation FM24C256-G Datasheet HTML 2Page - Ramtron International Corporation FM24C256-G Datasheet HTML 3Page - Ramtron International Corporation FM24C256-G Datasheet HTML 4Page - Ramtron International Corporation FM24C256-G Datasheet HTML 5Page - Ramtron International Corporation FM24C256-G Datasheet HTML 6Page - Ramtron International Corporation FM24C256-G Datasheet HTML 7Page - Ramtron International Corporation FM24C256-G Datasheet HTML 8Page - Ramtron International Corporation FM24C256-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FM24C256
Rev 3.1
May 2005
Page 3 of 12
Overview
The FM24C256 is a serial FRAM memory. The
memory array is logically organized as 32,768 x 8 bit
memory array and is accessed using an industry
standard two-wire interface. Functional operation of
the FRAM is similar to serial EEPROMs. The major
difference between the FM24C256 and a serial
EEPROM relates to its superior write performance.
Memory Architecture
When accessing the FM24C256, the user addresses
32,768 locations each with 8 data bits. These data bits
are shifted serially. The 32,768 addresses are
accessed using the two-wire protocol, which includes
a slave address (to distinguish from other non-
memory devices), and an extended 16-bit address.
Only the lower 15 bits are used by the decoder for
accessing the memory. The upper address bit should
be set to 0 for compatibility with higher density
devices in the future.
The memory is read or written at the speed of the
two-wire bus. Unlike an EEPROM, it is not
necessary to poll the device for a ready condition
since writes occur at bus speed. By the time a new
bus transaction can be shifted into the part, a write
operation is complete. This is explained in more
detail in the interface section below.
Users can expect several obvious system benefits
from the FM24C256 due to its fast write cycle and
high
endurance
as
compared
with
EEPROM.
However there are less obvious benefits as well. For
example in a high noise environment, the fast-write
operation is less susceptible to corruption than an
EEPROM since the write cycle is completed quickly.
By contrast, an EEPROM requiring milliseconds to
write is vulnerable to noise during much of the cycle.
Note
that
the
FM24C256
contains
no
power
management circuits other than a simple internal
power-on reset. It is the user’s responsibility to
ensure that VDD is maintained within data sheet
tolerances to prevent incorrect operation.
Two-wire Interface
The FM24C256 employs a bi-directional two-wire
bus protocol using few pins and little board space.
Figure 2 illustrates a typical system configuration
using the FM24C256 in a microcontroller-based
system. The industry standard two-wire bus is
familiar to many users but is described in this section.
By convention, any device that is sending data onto
the bus is the transmitter while the target device for
this data is the receiver. The device that is controlling
the bus is the master. The master is responsible for
generating the clock signal for all operations. Any
device on the bus that is being controlled is a slave.
The FM24C256 is always a slave device.
The bus protocol is controlled by transition states in
the SDA and SCL signals. There are four conditions
including Start, Stop, Data bit, and Acknowledge.
Figure 3 illustrates the signal conditions that specify
the four states. Detailed timing diagrams are shown
in the Electrical Specifications section.
Microcontroller
SDA
SCL
FM24C256
A0 A1 A2
SDA
SCL
FM24C64
A0 A1 A2
VDD
Rmin = 1.8 K
Rmax = tR/Cbus
Figure 2. Typical System Configuration


同様の部品番号 - FM24C256-G

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM24C256-SE ETC1-FM24C256-SE Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
More results

同様の説明 - FM24C256-G

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com