データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFR9024NPBF データシート(PDF) 7 Page - International Rectifier

部品番号 IRFR9024NPBF
部品情報  HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRFR9024NPBF データシート(HTML) 7 Page - International Rectifier

Back Button IRFR9024NPBF Datasheet HTML 3Page - International Rectifier IRFR9024NPBF Datasheet HTML 4Page - International Rectifier IRFR9024NPBF Datasheet HTML 5Page - International Rectifier IRFR9024NPBF Datasheet HTML 6Page - International Rectifier IRFR9024NPBF Datasheet HTML 7Page - International Rectifier IRFR9024NPBF Datasheet HTML 8Page - International Rectifier IRFR9024NPBF Datasheet HTML 9Page - International Rectifier IRFR9024NPBF Datasheet HTML 10Page - International Rectifier IRFR9024NPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRFR/U9024NPbF
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
• dv/dt controlled by RG
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
* Reverse Polarity for P-Channel
** Use P-Channel Driver for P-Channel Measurements
Peak Diode Recovery dv/dt Test Circuit
*** VGS = 5.0V for Logic Level and 3V Drive Devices
Fig 14 For P Channel HEXFETS


同様の部品番号 - IRFR9024NPBF

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
IRFR9024NPBF KERSEMI-IRFR9024NPBF Datasheet
4Mb / 10P
   ULTRA LOW ON-ORSISTANCE
logo
International Rectifier
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR9024NPBF KERSEMI-IRFR9024NPBF Datasheet
4Mb / 10P
   ULTRA LOW ON-RESISTANCE
logo
International Rectifier
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   Ultra Low On-Resistance
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   ULTRA LOW ON RESISTANCE
More results

同様の説明 - IRFR9024NPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRLR014NPBF IRF-IRLR014NPBF Datasheet
281Kb / 11P
   HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.14廓 , ID = 10A )
IRLL2705PBF IRF-IRLL2705PBF Datasheet
220Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.04廓 , ID = 3.8A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRF1405ZPBF IRF-IRF1405ZPBF Datasheet
812Kb / 13P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )
IRLZ44ZPBF IRF-IRLZ44ZPBF Datasheet
362Kb / 13P
   AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com