データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT8245 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ABT8245
部品情報  SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT8245 データシート(HTML) 11 Page - Texas Instruments

Back Button SN74ABT8245 Datasheet HTML 7Page - Texas Instruments SN74ABT8245 Datasheet HTML 8Page - Texas Instruments SN74ABT8245 Datasheet HTML 9Page - Texas Instruments SN74ABT8245 Datasheet HTML 10Page - Texas Instruments SN74ABT8245 Datasheet HTML 11Page - Texas Instruments SN74ABT8245 Datasheet HTML 12Page - Texas Instruments SN74ABT8245 Datasheet HTML 13Page - Texas Instruments SN74ABT8245 Datasheet HTML 14Page - Texas Instruments SN74ABT8245 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
SN54ABT8245, SN74ABT8245
SCAN TEST DEVICES
WITH OCTAL BUS TRANSCEIVERS
SCBS124D – AUGUST 1992 – REVISED DECEMBER 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
instruction-register opcode description
The instruction-register opcodes are shown in Table 3. The following descriptions detail the operation of each
instruction.
Table 3. Instruction-Register Opcodes
BINARY CODE†
BIT 7
→ BIT 0
MSB
→ LSB
SCOPE OPCODE
DESCRIPTION
SELECTED DATA
REGISTER
MODE
00000000
EXTEST/INTEST
Boundary scan
Boundary scan
Test
10000001
BYPASS‡
Bypass scan
Bypass
Normal
10000010
SAMPLE/PRELOAD
Sample boundary
Boundary scan
Normal
00000011
INTEST/EXTEST
Boundary scan
Boundary scan
Test
10000100
BYPASS‡
Bypass scan
Bypass
Normal
00000101
BYPASS‡
Bypass scan
Bypass
Normal
00000110
HIGHZ
Control boundary to high impedance
Bypass
Modified test
10000111
CLAMP
Control boundary to 1/0
Bypass
Test
10001000
BYPASS‡
Bypass scan
Bypass
Normal
00001001
RUNT
Boundary run test
Bypass
Test
00001010
READBN
Boundary read
Boundary scan
Normal
10001011
READBT
Boundary read
Boundary scan
Test
00001100
CELLTST
Boundary self test
Boundary scan
Normal
10001101
TOPHIP
Boundary toggle outputs
Bypass
Test
10001110
SCANCN
Boundary-control register scan
Boundary control
Normal
00001111
SCANCT
Boundary-control register scan
Boundary control
Test
All others
BYPASS
Bypass scan
Bypass
Normal
† Bit 7 is used to maintain even parity in the 8-bit instruction.
‡ The BYPASS instruction is executed in lieu of a SCOPE
™ instruction that is not supported in the ’ABT8245.
boundary scan
This instruction conforms to the IEEE Standard 1149.1-1990 EXTEST and INTEST instructions. The BSR is
selected in the scan path. Data appearing at the device input pins is captured in the input BSCs, while data
appearing at the outputs of the normal on-chip logic is captured in the output BSCs. Data that has been scanned
into the input BSCs is applied to the inputs of the normal on-chip logic, while data that has been scanned into
the output BSCs is applied to the device output pins. The device operates in the test mode.
bypass scan
This instruction conforms to the IEEE Standard 1149.1-1990 BYPASS instruction. The bypass register is
selected in the scan path. A logic 0 value is captured in the bypass register during Capture-DR. The device
operates in the normal mode.
sample boundary
This instruction conforms to the IEEE Standard 1149.1-1990 SAMPLE/PRELOAD instruction. The BSR is
selected in the scan path. Data appearing at the device input pins is captured in the input BSCs, while data
appearing at the outputs of the normal on-chip logic is captured in the output BSCs. The device operates in the
normal mode.


同様の部品番号 - SN74ABT8245

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT8245 TI-SN74ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN74ABT8245 TI-SN74ABT8245 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN74ABT8245 TI-SN74ABT8245 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN74ABT8245DW TI-SN74ABT8245DW Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN74ABT8245DW TI-SN74ABT8245DW Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
More results

同様の説明 - SN74ABT8245

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952_07 Datasheet
529Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952 Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI-SN54ABT8543 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI1-SN54ABT8543_15 Datasheet
537Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8646 TI-SN54ABT8646 Datasheet
537Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND RESISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com