データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT8245DWRE4 データシート(PDF) 8 Page - Texas Instruments

部品番号 SN74ABT8245DWRE4
部品情報  SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT8245DWRE4 データシート(HTML) 8 Page - Texas Instruments

Back Button SN74ABT8245DWRE4 Datasheet HTML 4Page - Texas Instruments SN74ABT8245DWRE4 Datasheet HTML 5Page - Texas Instruments SN74ABT8245DWRE4 Datasheet HTML 6Page - Texas Instruments SN74ABT8245DWRE4 Datasheet HTML 7Page - Texas Instruments SN74ABT8245DWRE4 Datasheet HTML 8Page - Texas Instruments SN74ABT8245DWRE4 Datasheet HTML 9Page - Texas Instruments SN74ABT8245DWRE4 Datasheet HTML 10Page - Texas Instruments SN74ABT8245DWRE4 Datasheet HTML 11Page - Texas Instruments SN74ABT8245DWRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SN54ABT8245, SN74ABT8245
SCAN TEST DEVICES
WITH OCTAL BUS TRANSCEIVERS
SCBS124D – AUGUST 1992 – REVISED DECEMBER 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
register overview
With the exception of the bypass register, any test register can be thought of as a serial-shift register with a
shadow latch on each bit. The bypass register differs in that it contains only a shift register. During the
appropriate capture state (Capture-IR for instruction register, Capture-DR for data registers), the shift register
can be parallel loaded from a source specified by the current instruction. During the appropriate shift state
(Shift-IR or Shift-DR), the contents of the shift register are shifted out from TDO while new contents are shifted
in at TDI. During the appropriate update state (Update-IR or Update-DR), the shadow latches are updated from
the shift register.
instruction register description
The instruction register (IR) is eight bits long and tells the device what instruction is to be executed. Information
contained in the instruction includes the mode of operation (either normal mode, in which the device performs
its normal logic function, or test mode, in which the normal logic function is inhibited or altered), the test operation
to be performed, which of the three data registers is to be selected for inclusion in the scan path during
data-register scans, and the source of data to be captured into the selected data register during Capture-DR.
Table 3 lists the instructions supported by the ’ABT8245. The even-parity feature specified for SCOPE
™ devices
is supported in this device. Bit 7 of the instruction opcode is the parity bit. Any instructions that are defined for
SCOPE
™ devices but are not supported by this device default to BYPASS.
During Capture-IR, the IR captures the binary value 10000001. As an instruction is shifted in, this value is shifted
out via TDO and can be inspected as verification that the IR is in the scan path. During Update-IR, the value
that has been shifted into the IR is loaded into shadow latches. At this time, the current instruction is updated,
and any specified mode change takes effect. At power up or in the Test-Logic-Reset state, the IR is reset to the
binary value 11111111, which selects the BYPASS instruction.
The IR order of scan is shown in Figure 2.
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
TDO
TDI
Bit 7
Parity
(MSB)
Bit 0
(LSB)
Figure 2. Instruction Register Order of Scan


同様の部品番号 - SN74ABT8245DWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT8245DWRE4 TI-SN74ABT8245DWRE4 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
More results

同様の説明 - SN74ABT8245DWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952_07 Datasheet
529Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952 Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI-SN54ABT8543 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI1-SN54ABT8543_15 Datasheet
537Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8646 TI-SN54ABT8646 Datasheet
537Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND RESISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com