データシートサーチシステム |
|
AD9945KCP データシート(PDF) 2 Page - Analog Devices |
|
AD9945KCP データシート(HTML) 2 Page - Analog Devices |
2 / 16 page REV. A –2– AD9945–SPECIFICATIONS GENERAL SPECIFICATIONS Parameter Min Typ Max Unit TEMPERATURE RANGE Operating –20 +85 °C Storage –65 +150 °C POWER SUPPLY VOLTAGE Analog, Digital, Digital Driver 2.7 3.6 V POWER CONSUMPTION Normal Operation (DRVDD Power not Included) 140 mW DRVDD Power Only (CLOAD = 20 pF) 10 mW Power-Down Mode 1.5 mW MAXIMUM CLOCK RATE 40 MHz Specifications subject to change without notice. DIGITAL SPECIFICATIONS Parameter Symbol Min Typ Max Unit LOGIC INPUTS High Level Input Voltage VIH 2.1 V Low Level Input Voltage VIL 0.6 V High Level Input Current IIH 10 µA Low Level Input Current IIL 10 µA Input Capacitance CIN 10 pF LOGIC OUTPUTS High Level Output Voltage, IOH = 2 mA VOH 2.2 V Low Level Output Voltage, IOL = 2 mA VOL 0.5 V Specifications subject to change without notice. (DRVDD = DVDD = 2.7 V, CL = 20 pF, unless otherwise noted.) (TMIN to TMAX, AVDD = DVDD = DRVDD= 3.0 V, fSAMP = 40 MHz, unless otherwise noted.) |
同様の部品番号 - AD9945KCP |
|
同様の説明 - AD9945KCP |