データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YDA138 データシート(PDF) 1 Page - YAMAHA CORPORATION

部品番号 YDA138
部品情報  D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAMAHA [YAMAHA CORPORATION]
ホームページ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA138 データシート(HTML) 1 Page - YAMAHA CORPORATION

  YDA138 Datasheet HTML 1Page - YAMAHA CORPORATION YDA138 Datasheet HTML 2Page - YAMAHA CORPORATION YDA138 Datasheet HTML 3Page - YAMAHA CORPORATION YDA138 Datasheet HTML 4Page - YAMAHA CORPORATION YDA138 Datasheet HTML 5Page - YAMAHA CORPORATION YDA138 Datasheet HTML 6Page - YAMAHA CORPORATION YDA138 Datasheet HTML 7Page - YAMAHA CORPORATION YDA138 Datasheet HTML 8Page - YAMAHA CORPORATION YDA138 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
YDA138 CATALOG
CATALOG No.:LSI-4DA138A20
2005.3
YDA138
D-3
STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
Overview
YDA138 (D-3) is a high efficient digital audio power amplifier IC that operates with a single 12V power supply.
An audio power amplifier with a maximum output of 10W (RL=8Ω)×2ch or 20W (RL=4Ω)×1ch can be configured
with one chip.
YDA138 has a “Pure Pulse Direct Speaker Drive Circuit” which directly drives speakers while reducing distortion of
pulse output signal and reducing noise on the signal, and realizes the highest standard low distortion rate characteristics
and low noise characteristics as 10W-class of output digital amplifier IC.
In addition, circuit design with fewer external parts can be made depend on the condition of use because corresponds to
filter less.
YDA138 has 50mW (RL=32Ω)×2ch Class AB headphone amplifiers.
YDA138 provides Over-current protection function for speaker output terminals, IC thermal protection function, POP
noise reduction function, and AM interference measures function as well as power-down function and output mute
function.
Features
Digital Amplifier
Continuous maximum output
10 W×2ch @VDDP=12.0V, RL=8Ω, THD+N=10%
20 W×1ch @VDDP=12.0V, RL=4Ω, THD+N=10%
Efficiency
88 % @VDDP=12.0V, RL=8Ω, Po=10W
Distortion Rate (THD+N)
0.02 % @VDDP=12.0V, RL=8Ω, Po=1.0W
S/N Ratio
103dB @VDDP=12.0V, RL=8Ω, Po=10W, VOL[1:0]=H,H
Channel Separation
-70dB @VDDP=12.0V, RL=8Ω, VOL[1:0]=H,H
Class AB Headphone Amplifier
Maximum output
50mW×2ch @VDDP=12.0V, RL=32Ω, THD+N=10%
Distortion Rate(THD+N)
0.01 % @VDDP=12.0V, RL=32Ω, Pho=30mW
S/N Ratio
95dB @VDDP=12.0V, RL=32Ω, Pho=20mW, VOL[1:0]=H,H
Others
Operating power supply range
9.0V to 13.5V
Multi-channel synchronizing operation by
Master/Slave switching function
Carrier frequency switching function
524kHz/466kHz
Sleep function with SLEEPN terminal
Output muting function with MUTEN terminal
Over-current protection function
Thermal protection function
Clock stop detection function
Pop noise reduction function
AM interference measures function
Analog input/BTL (Bridge-Tied Load) output
42-pin plastic SSOP
Pin lead plating with Pd free (YDA138-EZ)


同様の部品番号 - YDA138

メーカー部品番号データシート部品情報
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
   D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
   STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA136 YAMAHA-YDA136 Datasheet
1Mb / 32P
   D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
   D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
   D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
More results

同様の説明 - YDA138

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
   10W Stereo Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
   10W Stereo Class-D Audio Power Amplifier
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
   10W Stereo Integrated Audio Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
logo
YAMAHA CORPORATION
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
   D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
   20W Stereo Digital Class-D Audio Power Amplifier
logo
YAMAHA CORPORATION
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
   D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com