データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1009GZ3 データシート(PDF) 3 Page - ON Semiconductor

部品番号 CS1009GZ3
部品情報  2.5 Volt Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1009GZ3 データシート(HTML) 3 Page - ON Semiconductor

  CS1009GZ3 Datasheet HTML 1Page - ON Semiconductor CS1009GZ3 Datasheet HTML 2Page - ON Semiconductor CS1009GZ3 Datasheet HTML 3Page - ON Semiconductor CS1009GZ3 Datasheet HTML 4Page - ON Semiconductor CS1009GZ3 Datasheet HTML 5Page - ON Semiconductor CS1009GZ3 Datasheet HTML 6Page - ON Semiconductor CS1009GZ3 Datasheet HTML 7Page - ON Semiconductor CS1009GZ3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS1009
http://onsemi.com
3
MAXIMUM RATINGS*
Rating
Value
Unit
Reverse Current
20
mA
Forward
10
mA
Operating Temperature Range
–40 to 105
°C
Storage Temperature Range
–65 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow: (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
1. 10 second maximum
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Reverse Breakdown Voltage
IR = 1.0 mA
2.492
2.500
2.508
V
Reverse Breakdown Voltage
0
°C ≤ TA ≤ 105°C
2.492
2.500
2.508
V
Reverse Breakdown Voltage
–40
°C ≤ TA ≤°C
2.480
2.500
2.508
V
Reverse Breakdown Voltage
Change with Current
400
µA ≤ IR ≤ 10 mA
{
2.6
3.0
10
12
mV
mV
Reverse Dynamic Impedance
IR = 1.0 mA
{
0.2
0.4
1.0
1.4
Temperature Stability
Avgerage Temperature Coefficient
0
°C ≤ TA ≤ 70°C, Note 3
0
°C ≤ TA ≤ 70°C, Note 3
mV
ppm/
°C
Long Term Stabilty
TA = 25°C ±0.1 C, IR = 1.0 mA
20
ppm/kHr
Denotes the specifications which apply over full operating temperature range.
3. Average temperature coefficient is defined as the total voltage change divided by the specified temperature range.
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Reverse Current vs. Reverse Voltage
Figure 4. Change in Reverse Voltage vs.
Reverse Current
0.5
1.0
1.4
1.8
2.2
2.6
0
4
812
16
20
10–5
10–4
10–3
10–2
10–1
TJ = 25°C
REVERSE VOLTAGE (V)
0
1
2
3
4
5
REVERSE VOLTAGE (V)


同様の部品番号 - CS1009GZ3

メーカー部品番号データシート部品情報
logo
Power-One
CS1001-7R POWER-ONE-CS1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
CUI INC
CS1005B CUI-CS1005B Datasheet
340Kb / 4P
   CURRENT SENSOR
CS1005B CUI-CS1005B Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
logo
SAMWHA ELECTRIC
CS1005C0G104B100NBA SAMWHA-CS1005C0G104B100NBA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
CS1005C0G104B100NBB SAMWHA-CS1005C0G104B100NBB Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
More results

同様の説明 - CS1009GZ3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV1009 ONSEMI-NCV1009_06 Datasheet
66Kb / 6P
   2.5 Volt Reference
February, 2006 ??Rev. 9
NCV1009 ONSEMI-NCV1009 Datasheet
53Kb / 6P
   2.5 Volt Reference
August, 2004 ??Rev. 6
logo
Microsemi Corporation
SG1503 MICROSEMI-SG1503 Datasheet
152Kb / 3P
   PRECISION 2.5-VOLT REFERENCE
logo
Maxim Integrated Produc...
MX580 MAXIM-MX580 Datasheet
99Kb / 4P
   High Precision 2.5 Volt Reference
Rev 1; 8/96
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com