データシートサーチシステム |
|
M27C1024-12XF6X データシート(PDF) 4 Page - STMicroelectronics |
|
M27C1024-12XF6X データシート(HTML) 4 Page - STMicroelectronics |
4 / 15 page AI01822 3V High Speed 0V 1.5V 2.4V Standard 0.4V 2.0V 0.8V Figure 3. AC Testing Input Output Waveform AI01823B 1.3V OUT CL CL = 30pF for High Speed CL = 100pF for Standard CL includes JIG capacitance 3.3k Ω 1N914 DEVICE UNDER TEST Figure 4. AC Testing Load Circuit High Speed Standard Input Rise and Fall Times ≤ 10ns ≤ 20ns Input Pulse Voltages 0 to 3V 0.4V to 2.4V Input and Output Timing Ref. Voltages 1.5V 0.8V and 2V Table 5. AC Measurement Conditions Symbol Parameter Test Condition Min Max Unit CIN Input Capacitance VIN =0V 6 pF COUT Output Capacitance VOUT =0V 12 pF Note: 1. Sampled only, not 100% tested. Table 6. Capacitance (1) (TA =25 °C, f = 1 MHz ) Two Line Output Control BecauseEPROMs are usually used in largermem- ory arrays, this product features a 2 line control function which accommodates the use of multiple memory connection. The two line control function allows: a. the lowest possible memory power dissipation, b. complete assurance that output bus contention will not occur. For the most efficient use of thesetwo control lines, E should be decoded and used as the primary device selecting function, while G should be made a common connection to all devices in the array and connected to the READ line from the system control bus. This ensures that all deselected mem- ory devices are in their low power standby mode and that the output pins are only active when data is required from a particular memory device. System Considerations The power switching characteristics of Advanced CMOS EPROMs require careful decoupling of the devices. The supply current, ICC, has three seg- ments that are of interest to the system designer : the standby current level, the active current level, and transient current peaks that are produced by the falling and rising edges of E. The magnitude of transientcurrent peaks is dependenton the capaci- tive and inductive loading of the device at the output. 4/15 M27C1024 |
同様の部品番号 - M27C1024-12XF6X |
|
同様の説明 - M27C1024-12XF6X |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |