データシートサーチシステム |
|
M27C1024-45XF3X データシート(PDF) 5 Page - STMicroelectronics |
|
M27C1024-45XF3X データシート(HTML) 5 Page - STMicroelectronics |
5 / 15 page Symbol Parameter Test Condition Min Max Unit ILI Input Leakage Current 0V ≤ VIN ≤ VCC ±10 µA ILO Output Leakage Current 0V ≤ VOUT ≤ VCC ±10 µA ICC Supply Current E=VIL,G = VIL, IOUT = 0mA, f = 5MHz 35 mA ICC1 Supply Current (Standby) TTL E = VIH 1mA ICC2 Supply Current (Standby) CMOS E > VCC – 0.2V 100 µA IPP Program Current VPP =VCC 100 µA VIL Input Low Voltage –0.3 0.8 V VIH (2) Input High Voltage 2 VCC +1 V VOL Output Low Voltage IOL = 2.1mA 0.4 V VOH Output High Voltage TTL IOH = –400 µA 2.4 V Output High Voltage CMOS IOH = –100 µAVCC – 0.7 V Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP. 2. Maximum DC voltage on Output is VCC +0.5V. Table 7. Read Mode DC Characteristics (1) (TA = 0 to 70 °C, –40 to 85 °C; –40 to 105 °C or –40 to 125 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC) Symbol Alt Parameter Test Condition M27C1024 Unit -35 (3) -45 (3) -55 (3) Min Max Min Max Min Max tAVQV tACC Address Valid to Output Valid E = VIL,G= VIL 35 45 55 ns tELQV tCE Chip Enable Low to Output Valid G = VIL 35 45 55 ns tGLQV tOE Output Enable Low to Output Valid E = VIL 20 25 30 ns tEHQZ (2) tDF Chip Enable High to Output Hi-Z G = VIL 030 0 30 030 ns tGHQZ (2) tDF Output Enable High to Output Hi-Z E = VIL 030 0 30 030 ns tAXQX tOH Address Transition to Output Transition E=VIL,G= VIL 000 ns Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP. 2. Sampled only, not 100% tested. 3. Speed obtained with High Speed AC measurement conditions. Table 8A. Read Mode AC Characteristics (1) (TA = 0 to 70 °C, –40 to 85 °C; –40 to 105 °C or –40 to 125 °C; VCC =5V ± 5% or 5V ± 10%; VPP =VCC) 5/15 M27C1024 |
同様の部品番号 - M27C1024-45XF3X |
|
同様の説明 - M27C1024-45XF3X |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |