データシートサーチシステム |
|
AM26LV32CDG4 データシート(PDF) 3 Page - Texas Instruments |
|
|
AM26LV32CDG4 データシート(HTML) 3 Page - Texas Instruments |
3 / 21 page AM26LV32C, AM26LV32I LOW VOLTAGE HIGHSPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER SLLS202E − MAY 1995 − REVISED JUNE 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematics of equivalent inputs and outputs Enable G, G VCC TYPICAL OF ALL OUTPUTS (Y) Y VCC GND GND EQUIVALENT OF EACH ENABLE INPUT (G, G) A, B VCC GND EQUIVALENT OF EACH INPUT (A, B) 7.2 k Ω 15 k Ω 1.5 k Ω 7.2 k Ω 1.5 k Ω 100 Ω absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC (see Note 1) −0.3 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (A or B inputs) −4 V to 8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±12 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Enable input voltage range −0.3 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO −0.3 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum output current, IO ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3): D package 73 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 64 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values are with respect to the GND terminal. 2. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting input. 3. The package thermal impedance is calculated in accordance with JESD 51. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC 3 3.3 3.6 V High-level input voltage, VIH(EN) 2 V Low-level input voltage, VIL(EN) 0.8 V Common-mode input voltage, VIC −0.3 5.5 V Differential input voltage, VID ±5.8 High-level output current, IOH −5 mA Low-level output current, IOL 5 mA Operating free-air temperature, TA AM26LV32C 0 70 °C Operating free-air temperature, TA AM26LV32I −40 85 °C |
同様の部品番号 - AM26LV32CDG4 |
|
同様の説明 - AM26LV32CDG4 |