データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C6201BGLPS20 データシート(PDF) 11 Page - Texas Instruments

部品番号 SM320C6201BGLPS20
部品情報  DIGITAL SIGNAL PROCESSOR
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM320C6201BGLPS20 データシート(HTML) 11 Page - Texas Instruments

Back Button SM320C6201BGLPS20 Datasheet HTML 7Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 8Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 9Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 10Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 11Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 12Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 13Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 14Page - Texas Instruments SM320C6201BGLPS20 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
SM320C6201B, SMJ320C6201B
DIGITAL SIGNAL PROCESSOR
SGUS031B – APRIL 2000 – REVISED AUGUST 2001
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Signal Descriptions (Continued)
SIGNAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
EMIF – CONTROL SIGNALS COMMON TO ALL TYPES OF MEMORY
CE3
Y5
O/Z
CE2
V3
O/Z
Memory space enables
CE1
T6
O/Z
• Enabled by bits 24 and 25 of the word address
CE0
U2
O/Z
• Only one asserted during any external data access
BE3
R8
O/Z
Byte enable control
BE2
T3
O/Z
• Decoded from the two lowest bits of the internal address
BE1
T2
O/Z
• Byte write enables for most types of memory
BE0
R2
O/Z
• Can be directly connected to SDRAM read and write mask signal (SDQM)
EMIF – ADDRESS
EA21
L4
EA20
L3
EA19
J2
EA18
J1
EA17
K1
EA16
K2
EA15
L2
EA14
L1
EA13
M1
EA12
M2
O/Z
E ternal address ( ord address)
EA11
M6
O/Z
External address (word address)
EA10
N4
EA9
N1
EA8
N2
EA7
N6
EA6
P4
EA5
P3
EA4
P2
EA3
P1
EA2
P6
† I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground


同様の部品番号 - SM320C6201BGLPS20

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320C6201BGLPS20 TI1-SM320C6201BGLPS20 Datasheet
1Mb / 76P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

同様の説明 - SM320C6201BGLPS20

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com