データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3000D1PWP データシート(PDF) 6 Page - Texas Instruments

部品番号 TPA3000D1PWP
部品情報  17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3000D1PWP データシート(HTML) 6 Page - Texas Instruments

Back Button TPA3000D1PWP Datasheet HTML 2Page - Texas Instruments TPA3000D1PWP Datasheet HTML 3Page - Texas Instruments TPA3000D1PWP Datasheet HTML 4Page - Texas Instruments TPA3000D1PWP Datasheet HTML 5Page - Texas Instruments TPA3000D1PWP Datasheet HTML 6Page - Texas Instruments TPA3000D1PWP Datasheet HTML 7Page - Texas Instruments TPA3000D1PWP Datasheet HTML 8Page - Texas Instruments TPA3000D1PWP Datasheet HTML 9Page - Texas Instruments TPA3000D1PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TPA3000D1
SLOS379A – SEPTEMBER 2001 – REVISED JANUARY 2002
6
www.ti.com
TYPICAL CHARACTERISTICS
Figure 3
PO – Output Power – W
0
10
20
30
40
50
60
70
80
90
100
0
123
4
VCC = 8 V
f = 1 kHz
EFFICIENCY
vs
OUTPUT POWER
RL = 8 Ω Speaker
Figure 4
VCC – Supply Voltage – V
3
5
7
9
11
13
15
17
8
10121416
18
VCC = 8 V TO 18 V
f = 1 kHz
Maximum 1% THD+N
OUTPUT POWER
vs
SUPPLY VOLTAGE
RL = 8 Ω
6
7
8
9
10
11
8
10121416
18
Figure 5
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
Figure 6
VCC – Supply Voltage – V
0
1
2
3
4
5
8
10121416
18
SHUTDOWN CURRENT
vs
SUPPLY VOLTAGE


同様の部品番号 - TPA3000D1PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPG4 TI-TPA3001D1PWPG4 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3000D1PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com