データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML1490 データシート(PDF) 4 Page - LANSDALE Semiconductor Inc.

部品番号 ML1490
部品情報  RF/IF/Audio Amplifier Wideband Amplifier With AGC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1490 データシート(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML1490 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.lansdale.com
Page 4 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML1490
Figure 11. Noise Figure versus
Source Resistance
Figure 12. Noise Figure versus
AGC Gain Reduction
Figure 13. Harmonic Distortion versus AGC Gain
Reduction for AM Carrier (For Test Circuit, See Figure 14)
Figure 14. 10.7 MHz Amplifier Gain
55 dB, BW
100 kHz
RS, SOURCE RESISTANCE (Ω)
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
100
200
400 600
1.0 k
2.0 k
4.0 k
10 k
f = 30 MHz
f = 60 MHz
f = 105 MHz
VCC = 12 Vdc
GR, GAIN REDUCTION (dB)
0
5
10
15
20
25
30
35
40
0
–10
–20
–30
–40
–50
–60
–70
–80
f = 30 MHz
Test circuit has tuned input
providing a source resistance
optimized for best noise figure.
BW = 1.0 MHz
GR, GAIN REDUCTION (dB)
0
5.0
10
15
20
25
30
35
40
0
10
20
3040
5060
7080
f = 10.7 MHz
Modulation: 90 % AM, fm = 1.0 kHz
Load at Pin 8 = 2.0 k
EO = peak–to–peak envelope of
modulated 10.7 MHz carrier at Pin 8
760 mVpp
240 mVpp
EO = 2400 mVpp
Toroid core (–124 pF)
L1 = 24 turns, #22 AWG wire
on a T12–44 micro metal
L2 = 20 turns, #22 AWG wire
on a T12–44 micro metal
Toroid core (–100 pF)
0.002
0.002
0.002
L1
+12 Vdc
RFC
L2
36 pF
1
2
3
4
5
6
7
8
50
Ω Load
82 pF
10.7 MHz
(50
Ω Source)
VAGC
5.6 k
50–150 pF
ML1490
Legacy Applications Information


同様の部品番号 - ML1490

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490PP LANSDALE-ML1490PP Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results

同様の説明 - ML1490

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
Motorola, Inc
MC1590G MOTOROLA-MC1590G Datasheet
517Kb / 8P
   RF/IF/AUDIO AMPLIFIER
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
   DTV IF AGC AMPLIFIER
logo
List of Unclassifed Man...
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
PS20060 ETC2-PS20060 Datasheet
1Mb / 39P
   MOPLL with IF AGC Amplifier Preliminary Information
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com