データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML1490 データシート(PDF) 8 Page - LANSDALE Semiconductor Inc.

部品番号 ML1490
部品情報  RF/IF/Audio Amplifier Wideband Amplifier With AGC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1490 データシート(HTML) 8 Page - LANSDALE Semiconductor Inc.

  ML1490 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.lansdale.com
Page 8 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML1490
P DIP = PP
PLASTIC P
(ML1490PP)
ACKAGE
CASE 626–05
ISSUE K
OUTLINE DIMENSIONS
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
14
5
8
F
NOTE 2
–A–
–B–
–T–
SEATING
PLANE
H
J
G
D
K
N
C
L
M
M
A
M
0.13 (0.005)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.40
10.16
0.370
0.400
B
6.10
6.60
0.240
0.260
C
3.94
4.45
0.155
0.175
D
0.38
0.51
0.015
0.020
F
1.02
1.78
0.040
0.070
G
2.54 BSC
0.100 BSC
H
0.76
1.27
0.030
0.050
J
0.20
0.30
0.008
0.012
K
2.92
3.43
0.115
0.135
L
7.62 BSC
0.300 BSC
M
–––
–––
N
0.76
1.01
0.030
0.040
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili-
ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s
technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.


同様の部品番号 - ML1490

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490PP LANSDALE-ML1490PP Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results

同様の説明 - ML1490

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
Motorola, Inc
MC1590G MOTOROLA-MC1590G Datasheet
517Kb / 8P
   RF/IF/AUDIO AMPLIFIER
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
   DTV IF AGC AMPLIFIER
logo
List of Unclassifed Man...
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
PS20060 ETC2-PS20060 Datasheet
1Mb / 39P
   MOPLL with IF AGC Amplifier Preliminary Information
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com