データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12002-5P データシート(PDF) 2 Page - LANSDALE Semiconductor Inc.

部品番号 ML12002-5P
部品情報  Analog Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12002-5P データシート(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML12002-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12002-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12002-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12002-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12002-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12002-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12002-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12002-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12002-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LANSDALE Semiconductor, Inc.
ML12002
www.lansdale.com
Page 2 of 9
Issue A
TEST VOLTAGE VALUES
Volts
VIHmax
VILmin
VCC
ELECTRICAL CHARACTERISTICS
+2.9
+2.0
+5.0
Test Limits
VOLTAGE APPLIED TO PINS
LISTED BELOW
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Max
Min
Max
Unit
VIHmax
VILmin
VCC
Gnd
Power Supply Drain
ICC
14
16
mAdc
11,12,14 5,6,7
Input Current
IinH
2
3
8
9
0.75
0.75
0.75
0.75
mAdc
mAdc
mAdc
mAdc
2
3
8
9
11,12,14
11,12,14
11,12,14
11,12,14
5,6,7
5,6,7
5,6,7
5,6,7
IinL
2
3
8
9
– 0.7
– 0.7
– 0.7
– 0.7
mAdc
mAdc
mAdc
mAdc
2
3
8
9
11,12,14
11,12,14
11,12,14
11,12,14
5,6,7
5,6,7
5,6,7
5,6,7
Output Current
IO1
11
12
0.7
0.7
1.3
1.3
mAdc
mAdc
11,12,14
11,12,14
7
7
IO2
11
12
2.1
2.1
3.9
3.9
mAdc
mAdc
11,12,14
11,12,14
5,6,7
5,6,7
Iout
11
11
12
12
4.2
4.2
4.2
4.2
7.8
7.8
7.8
7.8
mAdc
mAdc
mAdc
mAdc
2,9
3,8
2,8
3,9
11,12,14
11,12,14
11,12,14
11,12,14
5,6,7
5,6,7
5,6,7
5,6,7
Differential Current
∆IO1
∆IO2
11,12
11,12
–100
–200
+100
+200
–100
–200
+100
+200
–100
–200
+100
+200
µAdc
µAdc
11,12,14
11,12,14
7
5,6,7
Bias Voltage
VBias
1
4
5
6
10
2.33
390
275
275
1.26
2.53
590
415
415
1.46
2.32
400
285
285
1.185
2.52
600
425
425
1.385
2.3
410
295
295
1.105
2.5
610
435
435
1.305
Vdc
mVdc
mVdc
mVdc
Vdc
11,12,14
11,12,14
11,12,14
11,12,14
11,12,14
5,6,7
5,6,7
7
7
5,6,7
Pulse
In
Pulse
Out
–3.0 V
Gnd
VEE
AC Gain (See Figure 1)
AV
11
5.0
V/V
2
11
9
14
7
(Frequency =
100 MHz) *Note
11
0.28
V/V
8
11
3
14
7
NOTE:
*Note: AC Gain is a function of collector load impedance.


同様の部品番号 - ML12002-5P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12002-5P LANSDALE-ML12002-5P Datasheet
280Kb / 9P
   Analog Mixer
More results

同様の説明 - ML12002-5P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12002 LANSDALE-ML12002_08 Datasheet
280Kb / 9P
   Analog Mixer
logo
Motorola, Inc
MC12002 MOTOROLA-MC12002 Datasheet
140Kb / 8P
   ANALOG MIXER
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
   Analog Mixer With On?밅hip Regulator For Bias Control
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Maxim Integrated Produc...
MAX2091 MAXIM-MAX2091_V01 Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
logo
American Accurate Compo...
JXWBHP-MM93PG-40 AAC-JXWBHP-MM93PG-40 Datasheet
38Kb / 1P
   Mixer
JXWBHP-T-800-900-7 AAC-JXWBHP-T-800-900-7 Datasheet
36Kb / 1P
   Mixer
JXWBHP-T-3000-4000-12 AAC-JXWBHP-T-3000-4000-12 Datasheet
70Kb / 1P
   Mixer
JXWBHP-T-1000-18500 AAC-JXWBHP-T-1000-18500 Datasheet
71Kb / 1P
   Mixer
JXWBHP-T-2200-2300-10 AAC-JXWBHP-T-2200-2300-10 Datasheet
37Kb / 1P
   Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com