データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12019P データシート(PDF) 2 Page - LANSDALE Semiconductor Inc.

部品番号 MC12019P
部品情報  Dual Modulus Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12019P データシート(HTML) 2 Page - LANSDALE Semiconductor Inc.

  MC12019P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC12019P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC12019P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12019P Datasheet HTML 4Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.lansdale.com
Page 2 of 4
LANSDALE Semiconductor, Inc.
ML12019
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage, Pin 7
VCC
8.0
Vdc
Operating Temperature Range
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +175
°C
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5 V; TA = –40 to 85°C), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave Input)
fmax
fmin
225
20
MHz
Supply Current
ICC
7.5
mA
Control Input HIGH (
÷20)
VIH
2.0
V
Control Input LOW (
÷21)
VIL
0.8
V
Output Swing Voltage (10 k
Ω to ground)
Vout
600
1200
mVpp
Input Voltage Sensitivity
Vin
mVPP
20 MHz to 225 MHz
200
800
PLL Response Time (Notes 1 and 2)
tPLL
tout–70
ns
NOTES: 1.
tPLL = the period of time the PLL has from the prescaler rising output tranistion (50%) to the modulus control input edge transition
(50%) to ensure proper modulus selection.
2.
tout = period of output waveform.
Issue B


同様の部品番号 - MC12019P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC12019P LANSDALE-MC12019P Datasheet
171Kb / 4P
   Dual Modulus Prescaler
More results

同様の説明 - MC12019P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com