データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12202 データシート(PDF) 7 Page - LANSDALE Semiconductor Inc.

部品番号 ML12202
部品情報  MECL PLL Components Serial Input PLL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12202 データシート(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML12202 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12202 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12202 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12202 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12202 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12202 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12202 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12202 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12202 Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LANSDALE Semiconductor, Inc.
ML12202
www.lansdale.com
Page 7 of 11
Issue A
For FC = HIGH:
fr lags fp in phase OR fp>fr in frequency
When the phase of fr lags that of fp or the frequency of fp is greater than fr, the
φP output will remain in a HIGH state while the
φR output will pulse from LOW to HIGH. The output pulse will reach a minimum 50% duty cycle under a 180° out of phase
condition.The signal on
φR indicates to the VCO to decrease in frequency to bring the loop into lock.
fr leads fp in phase OR fp<fr in frequency
When the phase of fr leads that of fp or the frequency of fp is less than fr, the
φR output will remain in a LOW state while the φP
output pulses from HIGH to LOW. The output pulse will reach a minimum 50% duty cycle under a 180° out of phase condi-
tion.The signal on
φP indicates to the VCO to increase in frequency to bring the loop to lock.
fr = fp in phase and frequency
When the phase and frequency of fr and fp are equal, the output
φP will remain in a HIGH state and φR will remain in a LOW
state except for voltage spikes when signals are in phase. This situation indicates that the loop is in lock and the phase compara-
tor will maintain the loop in its locked state.
When FC = LOW, the operation of the phase comparator is reversed from the above explanation.
For FC = LOW:
fr lags fp in phase OR fp>fr in frequency
When the phase of fr lags that of fp or the frequency of fp is greater than fr, the
φR output will remain in a LOW state while the
φP output will pulse from HIGH to LOW. The output pulse will reach a minimum 50% duty cycle under a 180° out of phase con-
dition.The signal on
φP indicates to the VCO to increase in frequency to bring the loop into lock.
fr leads fp in phase OR fp<fr in frequency
When the phase of fr leads that of fp or the frequency of fp is less than fr, the
φP output will remain in a HIGH state while the
φR output pulses from LOW to HIGH. The output pulse will reach a minimum 50% duty cycle under a 180° out of phase condi-
tion. The signal on
φR indicates to the VCO to decrease in frequency to bring the loop to lock.
fr = fp in phase and frequency
When the phase and frequency of fr and fp are equal, the output
φP will remain in a HIGH state and φR will remain in a LOW
state except for voltage spikes when signals are in phase. This situation indicates that the loop is in lock and the phase compara-
tor will maintain the loop in its locked state.
The FC pin controls not only the phase characteristics, but also controls the fOUT test pin. The FC pin permits the user to moni-
tor either of the phase comparator input signals, fr or fp, at the fOUT output providing a test mode where the programming of the
dividers and the output of the counters can be checked. When FC is HIGH, fOUT = fr, the programmable reference divider out-
put. When FC is LOW, fOUT = fp, the programmable divider output.
Hence,
If VCO characteristics are like (1), FC should be set HIGH or OPEN.
fOUT = fr
If VCO characteristics are like (2), FC should be set LOW.
fOUT = fp


同様の部品番号 - ML12202

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ML1220 ETC2-ML1220 Datasheet
134Kb / 4P
   Lithium Manganese Dioxide Rechargeable Batteries
logo
Panasonic Battery Group
ML1220 PANASONICBATTERY-ML1220 Datasheet
38Kb / 1P
   Manganese Lithium Coin Batteries
logo
Maxwell Technologies
ML1220 MAXWELL-ML1220 Datasheet
432Kb / 2P
   Lithium Manganese Dioxide Rechargeable Battery
April 2011
ML1220 MAXWELL-ML1220 Datasheet
1,002Kb / 9P
   LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
ML1220T13 MAXWELL-ML1220T13 Datasheet
1,002Kb / 9P
   LITHIUM MANGANESE DIOXIDE RECHARGEABLE BATTERY
More results

同様の説明 - ML12202

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12206 MOTOROLA-MC12206 Datasheet
148Kb / 12P
   MECL PLL COMPONENTS Serial Input PLL Frequency Synthesizer
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com