データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12210 データシート(PDF) 7 Page - LANSDALE Semiconductor Inc.

部品番号 ML12210
部品情報  Serial Input PLL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12210 データシート(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML12210 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12210 Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.lansdale.com
Page 7 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12210
For FC = HIGH:
fr lags fp in phase OR fp>fr in frequency
When the phase of fr lags that of fp or the frequency of fp is greater than fr, the
φP output will remain in a HIGH state while the φR out-
put will pulse from LOW to HIGH. The output pulse will reach a minimum 50% duty cycle under a 180° out of phase condition. The sig-
nal on
φR indicates to the VCO to decrease in frequency to bring the loop into lock.
fr leads fp in phase OR fp<fr in frequency
When the phase of fr leads that of fp or the frequency of fp is less than fr, the
φR output will remain in a LOW state while the φP output
pulses from HIGH to LOW. The output pulse will reach a minimum 50% duty cycle under a 180° out of phase condition. The signal on
φP indicates to the VCO to increase in frequency to bring the loop to lock.
fr = fp in phase and frequency
When the phase and frequency of fr and fp are equal, the output
φP will remain in a HIGH state and φR will remain in a LOW state
except for voltage spikes when signals are in phase. This situation indicates that the loop is in lock and the phase comparator will main-
tain the loop in its locked state.
When FC = LOW, the operation of the phase comparator is reversed from the above explanation.
For FC = LOW:
fr lags fp in phase OR fp>fr in frequency
When the phase of fr lags that of fp or the frequency of fp is greater than fr, the
φR output will remain in a LOW state while the φP out-
put will pulse from HIGH to LOW. The output pulse will reach a minimum 50% duty cycle under a 180° out of phase condition. The sig-
nal on
φP indicates to the VCO to increase in frequency to bring the loop into lock.
fr leads fp in phase OR fp<fr in frequency
When the phase of fr leads that of fp or the frequency of fp is less than fr, the
φP output will remain in a HIGH state while the φR output
pulses from LOW to HIGH. The output pulse will reach a minimum 50% duty cycle under a 180° out of phase condition. The signal on
φR indicates to the VCO to decrease in frequency to bring the loop to lock.
fr = fp in phase and frequency
When the phase and frequency of fr and fp are equal, the output
φP will remain in a HIGH state and φR will remain in a LOW state
except for voltage spikes when signals are in phase. This situation indicates that the loop is in lock and the phase comparator will main-
tain the loop in its locked state.
The FC pin controls not only the phase characteristics, but also controls the fOUT test pin. The FC pin permits the user to monitor either
of the phase comparator input signals, fr or fp, at the fOUT output providing a test mode where the programming of the dividers and the
output of the counters can be checked. When FC is HIGH, fOUT = fr, the programmable reference divider output. When FC is LOW,
fOUT = fp, the programmable divider output.
Hence,
If VCO characteristics are like (1), FC should be set HIGH or OPEN.
fOUT = fr
If VCO characteristics are like (2), FC should be set LOW.
fOUT = fp
Figure 4. VCO Characteristics
VCO INPUT VOLTAGE
( 1 )
( 2 )
Figure 5. Phase Comparator, Internal Charge Pump, and
fOUT Characteristics
FC = HIGH or OPEN
FC = LOW
Do
φR
φP
fOUT
Do
φR
φP
fOUT
fp < fr
H
L
L
fr
L
H
H
fp
fp > fr
L
H
H
fr
H
L
L
fp
fp = fr
Z
L
H
fr
Z
L
H
fp
NOTES: Z = High impedance
When LE is HIGH or Open, BISW has the same
characteristics as Do.


同様の部品番号 - ML12210

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210-5P LANSDALE-ML12210-5P Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
More results

同様の説明 - ML12210

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com