データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12210D データシート(PDF) 8 Page - LANSDALE Semiconductor Inc.

部品番号 MC12210D
部品情報  Serial Input PLL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12210D データシート(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button MC12210D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.lansdale.com
Page 8 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12210
Legacy Applications Information
LOCK DETECT
The Lock Detect (LD) output pin provides a LOW pulse when fr and fp are not equal in phase or frequency. The output is normally
HIGH. LD is designed to be the logical NORing of the phase frequency detector's outputs UP and DOWN. See Figure 6. In typical
applications the output signal drives external circuitry which provides a steady LOW signal when the loop is locked. See Figure 9.
OSCILLATOR INPUT
For best operation, an external reference oscillator is recommended. The signal should be AC–coupled to the OSCin pin through a cou-
pling capacitor. In this case, no connection to OSCout is required. The magnitude of the AC–coupled signal must be between 500 and
2200 mV peak–to–peak. To optimize the phase noise of the PLL when used in this mode, the input signal amplitude should be closer to
the upper specification limit. This maximizes the slew rate of the signal as it switches against the internal voltage reference.
The device incorporates an on–chip reference oscillator/buffer so that an external parallel–resonant fundamental crystal can be connected
between OSCin and OSCout. External capacitor C1 and C2 as shown in Figure 10 are required to set the proper crystal load capacitance
and oscillator frequency. The values of the capacitors are dependent on the crystal chosen (up to a maximum of 30 pF each including par-
asitic and stray capacitance). However, using the on–chip reference oscillator greatly increases the synthesized phase noise.
DUAL INTERNAL CHARGE PUMPS (“ANALOG SWITCH”)
Due to the pure Bipolar nature of the ML12210 design, the “analog switch” function is implemented with dual internal charge pumps.
The loop filter time constant can be decreased by bypassing the first stage of the loop filter with the charge pump output BISW as shown
in Figure 7 below. This enables the VCO to lock in a shorter amount of time.
When LE is HIGH or OPEN (“analog switch is ON”), the output of the second internal charge pump is connected to the BISW pin, and
the Do output is ON. The charge pump 2 output on BISW is essentially equal to the charge pump 1 output on Do. When LE is LOW,
BISW is in a high impedance state and Do output is active.
Figure 7. "Analog Switch" Block Diagram
CHARGE
PUMP 1
Do
CHARGE
PUMP 2
BISW
LE
LPF–1
LPF–2
VCO
Figure 6. Detailed Phase Comparator Block Diagram
PHASE
FREQUENCY
DETECTOR
R
V
UP
DOWN
PHASE COMPARATOR
1
0
1
0
CHARGE
PUMP 1
Do
CHARGE
PUMP 2
BISW
LD
φR
φP
fr
fp
FC
LE


同様の部品番号 - MC12210D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12210D MOTOROLA-MC12210D Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
MC12210D LANSDALE-MC12210D Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210DT MOTOROLA-MC12210DT Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results

同様の説明 - MC12210D

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com