データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML13150 データシート(PDF) 5 Page - LANSDALE Semiconductor Inc.

部品番号 ML13150
部品情報  Narrowband FM Coilless Detector IF Subsystem
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13150 データシート(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML13150 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LANSDALE Semiconductor, Inc.
ML13150
LO DRIVE (dBm)
VENABLE, ENABLE VOLTAGE (Vdc)
Figure 2. Supply Current
versus Supply Voltage
VENABLE, SUPPLY VOLTAGE (Vdc)
Figure 3. Supply Current
versus Enable Voltage
Figure 4. Enable Current
versus Enable Voltage
Figure 5. Mixer IF Output Level versus
RF Input Level
Figure 6. Mixer IF Output Level versus
Local Oscillator Input Level
Figure 7. RSSI Output Current
versus Input Signal Level
2.0
1.6
1.2
0.8
0.4
0
1.5
2.5
3.5
4.5
5.5
6.5
7.5
TA = 25°C
VENABLE, ENABLE VOLTAGE (Vdc)
10–2
0.5
10–3
10–4
10–5
10–6
10–7
10–8
10–9
10–10
0.7
0.9
1.1
1.3
1.5
VCC = 3.0 Vdc
TA = 25°C
VENABLE Measured
Relative to VCC
70
60
50
40
30
20
10
0
–10
0
0.4
0.8
1.2
1.6
2.0
RF INPUT LEVEL (dBm)
SIGNAL INPUT LEVEL (dBm)
VCC = 3.0 Vdc
TA = 25°C
20
10
0
–10
–20
–30
–50
–50
–40
–30
–20
–10
0
–40
VEE = –3.0 Vdc
TA = 25°C
fRF = 50 MHz; fLO = 50.455 MHz
LO Input Level = –10 dBm
(100 mVrms)
(Rin = 50 Ω; Rout = 1.4 kΩ
20
0
–20
–40
–80
–60
–60
–50
–40
–30
–20
–10
0
VEE = –3.0 Vdc
TA = 25°C
fRF = 50 MHz; fLO = 50.455 MHz
Rin = 50 Ω; Rout = 1.4 kΩ
RF In = 0 dBm
–20 dBm
–40 dBm
50
40
30
20
0
10
–120
–100
–80
–60
–40
–20
0
VCC = 3.0 Vdc
f = 50 MHz
fLO = 50.455 MHz
455 kHz
Ceramic Filter
See Figure 15
10
20
www.lansdale.com
Page 5 of 20
Issue A


同様の部品番号 - ML13150

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
ML13155 LANSDALE-ML13155 Datasheet
355Kb / 16P
   Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
1,018Kb / 16P
   Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
355Kb / 16P
   Wideband FM IF
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results

同様の説明 - ML13150

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com