データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML13156-8P データシート(PDF) 3 Page - LANSDALE Semiconductor Inc.

部品番号 ML13156-8P
部品情報  Wideband FM IF System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13156-8P データシート(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML13156-8P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13156-8P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13156-8P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13156-8P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13156-8P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13156-8P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13156-8P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13156-8P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13156-8P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LANSDALE Semiconductor, Inc.
ML13156
AC ELECTRICAL CHARACTERISTICS (continued) (TA = 25°C, VEE = –3.0 Vdc, fRF = 130 MHz, fLO = 140.7 MHz, Figure 1 test
circuit, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Symbol
Pin
LIMITING AMPLIFIER SECTION
Limiter RSSI Slope (Figure 7)
20
0.2
0.4
0.6
µA/dB
Limiter Gain
55
dB
Input Impedance
10
1.4
k
CARRIER DETECT
Output Current – Carrier Detect (High Vin)
21
0
µA
Output Current – Carrier Detect (Low Vin)
21
3.0
mA
Input Threshold Voltage – Carrier Detect
20
0.9
1.2
1.4
Vdc
Input Voltage Referenced to VEE = –3.0 Vdc
Figure 1. Test Circuit
11
20
22
17
24
12
10
9
8
7
6
3
Bias
5.0 p
Data
Slicer
LIM Amp
IF Amp
Bias
23
21
1
2
5
Mixer
VEE
Mixer
Output
RF Input
130MHz
330
1.0 n
200
1:4
TR 1
(1)
IF Input
IF Output
4
Limiter
Input
50
330
50
1.0 n
VCC
VCC
1.0 n
1.0 n
1.0 n
13
14
15
16
1.0 n
1.0 n
1.0 n
1.0 n
50
100 k
100 k
1.0 n
100 n
1.0
µ
100 n
1.0
µ
1.0
µH
100 n
150 p
(3)
Local
Oscillator
Input
140.7MHz
200m Vrms
Carrier
Detect
Data Slicer
Hold
VEE
A
A
A
A
A
VEE
VEE
Data Output
19
ML13156
RSSI
Output
+
NOTES: 1. TR 1 Coilcraft 1:4 impedance transformer.
2. VCC is DC Ground.
3. 1.5
µH variable shielded inductor:
Toko Part # 292SNS–T1373 or Equivalent.
SMA
V
+
18
www.lansdale.com
Page 3 of 21
Issue A


同様の部品番号 - ML13156-8P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML13156-8P LANSDALE-ML13156-8P Datasheet
2Mb / 21P
    Wideband FM IF System
More results

同様の説明 - ML13156-8P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com