データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML13176 データシート(PDF) 2 Page - LANSDALE Semiconductor Inc.

部品番号 ML13176
部品情報  UHF FM/AM Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13176 データシート(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML13176 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ML13175/ML13176
LANSDALE Semiconductor, Inc.
MAXIMUM RATINGS ( TA = 25 C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
7.0 (max)
Vdc
Operating Supply Voltage Range
VCC
1.8 to 5.0
Vdc
Junction Temperature
TJ
+150
C
Operating Ambient Temperature
TA
– 40 to + 85
C
Storage Temperature
Tstg
– 65 to +150
C
ELECTRICAL CHARACTERISTICS (Figure 2; VEE = – 3.0 Vdc, TA = 25 C, unless otherwise noted.)*
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Supply Current (Power down: I 11 & I16 = 0)
IEE1
– 0.5
µA
Supply Current (Enable [Pin 11] to VCC thru 30 k, I16 = 0)
IEE2
–14
mA
Total Supply Current (Transmit Mode)
(Imod = 2.0 mA; fo = 320 MHz)
IEE3
–34
mA
Differential Output Power (f o = 320 MHz; Vref [Pin 9]
= 500 mVp–p; fo = N x fref)
Imod = 2.0 mA (see Figure 7, 8)
Imod = 0 mA
13 & 14
Pout
2.0
+ 4.7
–45
dBm
Hold–in Range (
±∆fref x N)
ML13175 (see Figure 7)
ML13176 (see Figure 8)
13 & 14
±∆f H
3.5
4.0
6.5
8.0
MHz
Phase Detector Output Error Current
ML13175
ML13176
7
lerror
20
22
25
27
µA
Oscillator Enable Time (see Figure 22b)
11 & 8
tenable
4.0
ms
Amplitude Modulation Bandwidth (see Figure 24)
16
BWAM
25
MHz
Spurious Outputs (Imod = 2.0 mA)
Spurious Outputs (Imod = 0 mA)
13 & 14
13 & 14
Pson
Psoff
–50
–50
dBc
Maximum Divider Input Frequency
Maximum Output Frequency
13 & 14
fdiv
fo
950
950
MHz
* For testing purposes, VCC is ground (see Figure 2).
Figure 2. 320 MHz Test Circuit
NOTES: 1. VCC is ground; while VEE is negative with respect to ground.
2. Pins 5, 10 and 15 are brought to the circuit side of the PCB via plated through holes.
They are connected together with a trace on the PCB and each Pin is decoupled to VCC (ground).
3. Recommended source is Coilcraft “slot seven inductor ” part number 7M3–821.
8
7
6
5
4
3
2
1
Osc
Tank
Coilcraft
150–03J0
8
0.098
µ
VEE
(1)
0.1
µ
27p
f/N
ML13175
Crystal
3rd Overtone
40 MHz
30k
VCC
9
10
11
12
13
14
15
16
10k
Imod
15p
(ML13176)
10p
(ML13175)
ML13175–30p
ML13176–33p
0.82
µ
1.0k
0.01
µ
ML13176
Crystal
Fundamental
10 MHz
(3)
VCC
0.1
µ
0.1
µ
10k
2.2k
Ireg. enable
(1)
0.01
µ
RFout 1
51
51
0.1
µ
0.01
µ
RFout 2
www.lansdale.com
Page 2 of 16
–18
–39
IssueC Cc


同様の部品番号 - ML13176

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML13176 LANSDALE-ML13176 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
ML13176-5P LANSDALE-ML13176-5P Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

同様の説明 - ML13176

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com