データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML14469-4P データシート(PDF) 6 Page - LANSDALE Semiconductor Inc.

部品番号 ML14469-4P
部品情報  Addressable Asynchronous Receiver/Transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML14469-4P データシート(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML14469-4P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML14469-4P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML14469-4P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML14469-4P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML14469-4P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML14469-4P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML14469-4P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML14469-4P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML14469-4P Datasheet HTML 10Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.lansdale.com
Page 6 of 10
Issue 0
LANSDALE Semiconductor, Inc.
ML14469
* Lansdale cannot recommend one supplier over another and
in no way suggests that this is a complete listing of ceramic
resonator suppliers.
Figure 3. Oscillator Circuit
X1 = Ceramic Resonator: 307.2 kHz
± 1 kHz for 4800 baud rate.
C1 and C2 are sized per the ceramic resonator supplier’s
recommendation.
Ceramic Resonator Suppliers:*
1. Morgan Matroc, Inc., Bedford, OH, 216/232–8600
2. Radio Materials Co., Attica, IN, 317/762–2491
15 M
X1
C2
C1
NOTE: For externally generated clock,
drive OSC1, float OSC2.
OSC2
OSC1
ML14469
INTERNAL
OSCILLATOR
TRO
RI
1.0 k
DATA LINE
GROUND LINE
ML14469
VDATA
VDD
VSS
1.0
µF
Figure 4. Rectified Power from Data Lines Circuit
END
CONVERSION
ANALOG
INPUTS
8–CHANNEL A/D
CONVERTER ASSEMBLY
DIGITAL
OUTPUTS
SELECT
CHANNEL,
START
CONVERSION
CHANNEL
SELECT
ML14469
S7
S6
S5
S4
S3
S2
S1
S0
SEND
CS
C2
C1
C0
Figure 5. A–D Converter Interface


同様の部品番号 - ML14469-4P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML14469-4P LANSDALE-ML14469-4P Datasheet
243Kb / 10P
   Addressable Asynchronous Receiver
More results

同様の説明 - ML14469-4P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14469 MOTOROLA-MC14469 Datasheet
119Kb / 12P
   ADDRESSABLE ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
LANSDALE Semiconductor ...
ML14469 LANSDALE-ML14469_08 Datasheet
243Kb / 10P
   Addressable Asynchronous Receiver
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
[Old version datasheet]   Universal Asynchronous Receiver/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com