データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145050P データシート(PDF) 5 Page - LANSDALE Semiconductor Inc.

部品番号 MC145050P
部品情報  10-Bit A/D Converter with Serial Interface - CMOS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145050P データシート(HTML) 5 Page - LANSDALE Semiconductor Inc.

  MC145050P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145050P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145050P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145050P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145050P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145050P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145050P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145050P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145050P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.lansdale.com
Page 5 of 15
LANSDALE Semiconductor, Inc.
ML145050, ML145051
SWITCHING WAVEFORMS
Dout
SCLK
0.8 V
2.0 V
0.4 V
2.4 V
twL
twH
1/f
tr
tf
th
tPLH, tPHL
tTLH, tTHL
Figure 1.
0.4 V
2.4 V
tPHZ, tPLZ
0.8 V
2.0 V
Dout
CS
tPZH, tPZL
90%
10%
Figure 2.
th
0.8 V
2.0 V
tsu
VALID
SCLK
Din
0.8 V
2.0 V
Figure 3.
NOTE: Dout is driven only when CS is active (low).
0.4 V
2.4 V
VALID MSB
Dout
EOC
tTLH
td
0.4 V
2.4 V
Figure 4.
2.0 V
0.8 V
0.8 V
0.8 V
th
tsu
FIRST
CLOCK
LAST
CLOCK
CS
SCLK
Figure 5.
0.4 V
2.4 V
0.8 V
tPHL
10TH
CLOCK
EOC
SCLK
tTHL
Figure 6.
TEST
POINT
DEVICE
UNDER
TEST
VDD
Dout
12 k
100 pF
2.18 k
Figure 7. Test Circuit
TEST
POINT
DEVICE
UNDER
TEST
VDD
EOC
12 k
50 pF
2.18 k
Figure 8. Test Circuit
Issue B


同様の部品番号 - MC145050P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC145050P LANSDALE-MC145050P Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
More results

同様の説明 - MC145050P

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
   CMOS Serial 10-Bit A/D Converter
July 1998
CDP68HC68A2 INTERSIL-CDP68HC68A2_02 Datasheet
655Kb / 15P
   CMOS Serial 10-Bit A/D Converter
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
logo
Texas Instruments
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com