データシートサーチシステム |
|
SM320C6701S14 データシート(PDF) 9 Page - Texas Instruments |
|
SM320C6701S14 データシート(HTML) 9 Page - Texas Instruments |
9 / 64 page SMJ320C6701 FLOATINGPOINT DIGITAL SIGNAL PROCESSOR SGUS030B – APRIL 2000 – REVISED MAY 2001 9 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 Signal Descriptions (Continued) SIGNAL TYPE† DESCRIPTION NAME NO. TYPE† DESCRIPTION HOST PORT INTERFACE (HPI) HINT H2 O/Z Host interrupt (from DSP to host) HCNTL1 J6 I Host control – selects between control, address or data registers HCNTL0 H6 I Host control – selects between control, address or data registers HHWIL E4 I Host halfword select – first or second halfword (not necessarily high or low order) HBE1 G6 I Host byte select within word or half-word HBE0 F6 I Host byte select within word or half-word HR/W D4 I Host read or write select HD15 D11 HD14 B11 HD13 A11 HD12 G9 HD11 D10 HD10 A10 HD9 C10 HD8 B9 I/O/Z Host port data ( sed for transfer of data address and control) HD7 F9 I/O/Z Host port data (used for transfer of data, address and control) HD6 C9 HD5 A9 HD4 B8 HD3 D9 HD2 D8 HD1 B7 HD0 C7 HAS L6 I Host address strobe HCS C5 I Host chip select HDS1 C4 I Host data strobe 1 HDS2 K6 I Host data strobe 2 HRDY H3 O Host ready (from DSP to host) BOOT MODE BOOTMODE4 B16 BOOTMODE3 G14 BOOTMODE2 F15 I Boot mode BOOTMODE1 C18 I Boot mode BOOTMODE0 D17 † I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground |
同様の部品番号 - SM320C6701S14 |
|
同様の説明 - SM320C6701S14 |