データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX232NSRG4 データシート(PDF) 7 Page - Texas Instruments

部品番号 MAX232NSRG4
部品情報  DUAL EIA-232 DRIVERS/RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

MAX232NSRG4 データシート(HTML) 7 Page - Texas Instruments

Back Button MAX232NSRG4 Datasheet HTML 3Page - Texas Instruments MAX232NSRG4 Datasheet HTML 4Page - Texas Instruments MAX232NSRG4 Datasheet HTML 5Page - Texas Instruments MAX232NSRG4 Datasheet HTML 6Page - Texas Instruments MAX232NSRG4 Datasheet HTML 7Page - Texas Instruments MAX232NSRG4 Datasheet HTML 8Page - Texas Instruments MAX232NSRG4 Datasheet HTML 9Page - Texas Instruments MAX232NSRG4 Datasheet HTML 10Page - Texas Instruments MAX232NSRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MAX232, MAX232I
DUAL EIA232 DRIVERS/RECEIVERS
SLLS047L − FEBRUARY 1989 − REVISED MARCH 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
1
µF
1
µF
VS+
VS−
2
6
14
7
13
8
C1+
C1−
C2+
C2−
1
3
4
5
11
10
12
9
GND
15
0 V
VCC
16
5 V
EIA-232 Output
EIA-232 Output
EIA-232 Input
EIA-232 Input
1
µF
8.5 V
−8.5 V
1
µF
From CMOS or TTL
To CMOS or TTL
CBYPASS =1µF
C1
C2
C3†
C4
† C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be
connected as shown. In addition to the 1-
µF capacitors shown, the MAX202 can operate with 0.1-µF capacitors.
+
+
Figure 4. Typical Operating Circuit


同様の部品番号 - MAX232NSRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
MAX232NSRG4 TI-MAX232NSRG4 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
MAX232NSRG4 TI1-MAX232NSRG4 Datasheet
581Kb / 17P
[Old version datasheet]   DUAL ELA-232 DRIBERS/RECEIVERS
More results

同様の説明 - MAX232NSRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
412Kb / 14P
[Old version datasheet]   DUAL ELA-232 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
logo
Analog Devices
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com