データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLR8743PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRLR8743PBF
部品情報  HEXFET짰Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLR8743PBF データシート(HTML) 2 Page - International Rectifier

  IRLR8743PBF Datasheet HTML 1Page - International Rectifier IRLR8743PBF Datasheet HTML 2Page - International Rectifier IRLR8743PBF Datasheet HTML 3Page - International Rectifier IRLR8743PBF Datasheet HTML 4Page - International Rectifier IRLR8743PBF Datasheet HTML 5Page - International Rectifier IRLR8743PBF Datasheet HTML 6Page - International Rectifier IRLR8743PBF Datasheet HTML 7Page - International Rectifier IRLR8743PBF Datasheet HTML 8Page - International Rectifier IRLR8743PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U8743PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––20––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.4
3.1
–––
3.0
3.9
VGS(th)
Gate Threshold Voltage
1.35
1.9
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.4
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
89
–––
–––
S
Qg
Total Gate Charge
–––
39
59
Qgs1
Pre-Vth Gate-to-Source Charge
–––10–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
3.9
–––
nC
Qgd
Gate-to-Drain Charge
–––13–––
Qgodr
Gate Charge Overdrive
–––
12
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––17–––
Qoss
Output Charge
–––
21
–––
nC
RG
Gate Resistance
–––
0.85
1.5
td(on)
Turn-On Delay Time
–––19–––
tr
Rise Time
–––35–––
td(off)
Turn-Off Delay Time
–––21–––
tf
Fall Time
–––17–––
Ciss
Input Capacitance
–––
4880
–––
Coss
Output Capacitance
–––
950
–––
Crss
Reverse Transfer Capacitance
–––
470
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
(Body Diode)
ISM
Pulsed Source Current
–––
–––
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
1827ns
Qrr
Reverse Recovery Charge
–––
32
48
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
MOSFET symbol
–––
VGS = 4.5V
Typ.
–––
–––
ID = 20A
VGS = 0V
VDS = 15V
RG = 1.8Ω
TJ = 25°C, IF = 20A, VDD = 15V
di/dt = 300A/µs
e
TJ = 25°C, IS = 20A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VDS = 15V, ID = 20A
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
ID = 20A
VDS = 15V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 25A e
VGS = 4.5V, ID = 20A
e
VGS = 20V
VGS = -20V
VDS = VGS, ID = 100µA
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
Conditions
13.5
See Fig. 14
Max.
250
20
ƒ = 1.0MHz
m
160
f
640
µA
nA
ns
pF
A


同様の部品番号 - IRLR8743PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLR8743PBF IRF-IRLR8743PBF Datasheet
374Kb / 11P
   Ultra-Low Gate Impedance
logo
Infineon Technologies A...
IRLR8743PBF INFINEON-IRLR8743PBF Datasheet
374Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
08/15/07
logo
International Rectifier
IRLR8743PBF IRF-IRLR8743PBF_15 Datasheet
374Kb / 11P
   Ultra-Low Gate Impedance
More results

同様の説明 - IRLR8743PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com