データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5812-060-A-3-L データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SM5812-060-A-3-L
部品情報  Amplified Pressure Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM5812-060-A-3-L データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SM5812-060-A-3-L Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5812-060-A-3-L Datasheet HTML 2Page - List of Unclassifed Manufacturers SM5812-060-A-3-L Datasheet HTML 3Page - List of Unclassifed Manufacturers SM5812-060-A-3-L Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM5812/SM5852
 2005 SMI
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 ♦ USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@si-micro.com ♦ www.si-micro.com
Rev 1.4 6_05
ADDITIONAL INFORMATION
Package Dimensions & Pin-Out
PIN
DESCRIPTION
1
NC
2
GROUND
3
NC
4
SERIAL DATA (SDA)
5
SERIAL CLOCK (SCL)
6
NC
7
Vexc = 5.000 VDC
8
ANALOG OUTPUT
Dual Inline Pin (DIP) Option
Surface Mountable Pin Option
Pin Numbers
(for both DIP & Surface Mount)
NOTES:
• Do not connect to NC pins.
• External connections to NC pins will
cause part malfunction.
• All dimensions are shown in inches.
• Tolerance on all dimensions
+0.005” unless otherwise specified.
Ordering Information
Full-Scale Pressure Ranges
SM5812
PSI
[kPa]
SM5852
PSI
[kPa]
005
5
[34.5]
001
0.15
[1.0]
015
15
[103.4]
003
0.30
[2.1]
030
30
[206.8]
008
0.80
[5.5]
060
60
[413.7]
015
1.50
[10.3]
100
100 [689.5]
030
3.00
[20.7]
Pin Configuration
3 : DIP pins, opposite direction of tubes
5 : Surface mountable pins,
opposite direction of tubes
Tube Length
L : Long (0.480" ± 0.005")
N : No tube
Pressure Type
A : Absolute (1 port)
D : Differential (2 ports)
G : Gauge (1 port)
S : Single-ended (2 ports)
Notes
1. Absolute configuration only available in SM5822.
2. Single-ended configuration is for higher gain differential applications where differential pressure
is always positive.
3. Other configurations available on large orders. Consult SMI for details.
SM5852 - 003 - D - 3 - L
Model Number
Pressure
Range
Pin Configuration
Tube
Length
Pressure
Type
Wiring Diagrams
SM5812/SM5852
ANALOG OUTPUT
GROUND
GROUND
100 nF
V
exc = + 5.000 VDC
Wiring diagram for analog output
SM5812/SM5852
SERIAL CLOCK (SCL)
GROUND
GROUND
100 nF
V
exc = + 5.000 VDC
SERIAL DATA (SDA)
Wiring diagram for digital output
Notice:
Silicon Microstructures, Inc. reserves the right to make changes to the product contained in this publication. Silicon Microstructures, Inc. assumes no responsibility for the
use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement.
While the information in this publication has been checked, no responsibility, however, is assumed for inaccuracies.
Silicon Microstructures, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably
be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.


同様の部品番号 - SM5812-060-A-3-L

メーカー部品番号データシート部品情報
logo
Silicon Mitus, Inc.
SM5811 SILICONMITUS-SM5811 Datasheet
286Kb / 2P
   A Very High Efficiency, Low Quiescent 2.5A Buck-Boost Converter
July 2021 Rev. 0.0.3
logo
Nippon Precision Circui...
SM5813 NPC-SM5813 Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813AF NPC-SM5813AF Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813AP NPC-SM5813AP Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813APT NPC-SM5813APT Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
More results

同様の説明 - SM5812-060-A-3-L

メーカー部品番号データシート部品情報
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
HDI0611ABE8H3 SENSORTECHNICS-HDI0611ABE8H3 Datasheet
124Kb / 11P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com