データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5812-060-G-3-L データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SM5812-060-G-3-L
部品情報  Amplified Pressure Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM5812-060-G-3-L データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SM5812-060-G-3-L Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5812-060-G-3-L Datasheet HTML 2Page - List of Unclassifed Manufacturers SM5812-060-G-3-L Datasheet HTML 3Page - List of Unclassifed Manufacturers SM5812-060-G-3-L Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SILICON
MICROSTRUCTURES
I NCO RP O R A T E D
SM5812/SM5852
 2005 SMI
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 ♦ USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@si-micro.com ♦ www.si-micro.com
Rev 1.4 6_05
CHARACTERISTICS FOR SM5812/SM5852 – SPECIFICATIONS
All parameters are measured at room temperature while applying 5.000V supply, unless otherwise specified.
Absolute
1, Gage & Single2
Differential
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
NOTES
Zero output (absolute and gauge)
0.42
0.50
0.58
V
3
Zero output (differential)
2.42
2.50
2.58
V
3
Output Span
3.92
4.00
4.08
1.96
2.00
2.04
V FS
3, 4
0.15 PSI
3.80
4.00
4.20
1.90
2.00
2.10
V FS
3, 4
Linearity
-0.5
+0.5
-0.5
+0.5
%FS
5
0.15 PSI
-2.5
+2.5
-2.5
+2.5
%FS
5
Pressure hysteresis
5812
-0.1
+0.1
-0.1
+0.1
%FS
5852
-0.3
+0.3
-0.3
+0.3
%FS
Temperature coefficient - Zero
-1.0
+1.0
-1.0
+1.0
%FS
0.15 PSI
-2.5
+2.5
-2.5
+2.5
%FS
Temperature coefficient – Span
-1.0
+1.0
-1.0
+1.0
%FS
0.15 PSI
-2.0
+2.0
-2.0
+2.0
%FS
Thermal hysteresis
-0.1
+0.1
-0.1
+0.1
%FS
Response Time
2
2
msec
Supply voltage
4.75
5.00
5.25
4.75
5.00
5.25
V
3, 7
Current consumption
10
10
mA
Overpressure
5812
3X
3X
%FS
6
5852
15X
15X
%FS
6
Operating temperature range
-40
25
+125
-40
25
+125
°C
Compensated temperature range
0
25
+70
0
25
+70
°C
Storage temperature range
-55
25
+135
-55
25
+135
°C
Media compatibility
8
Weight
3
3
gram
Notes:
1.
Absolute parts are only offered in the SM5812 Series.
2.
Single-ended parts (Pressure Type - S) have 2 ports and are for higher gain differential applications where the
differential pressure is always positive.
3.
Sensor output is ratiometric to supply.
4.
Full-scale (FS) is defined as zero pressure to rated pressure; differential parts can be used ±FS. Absolute and Gauge
zero output is 0.5 V typical and full-scale output is 4.5 V. Span is the difference between Full-scale output and zero
output, (4 V). For Differential parts, the negative full-scale is typically at 0.5 V, zero is typically 2.5 V, and positive full-
scale is 4.5 volts to give a span of
±2.0 V.
5.
Defined as best fit straight line for positive pressure applied to the part
6.
Or 225 PSI, whichever is less. Output amplifier will saturate at about 0.25 V for applied pressure below the rated Zero
and at about 4.75 V for applied pressure above the rated Full-scale.
7.
A 100 nF filter capacitor must be placed between Vsupply and Ground.
8.
Clean, dry gas compatible with wetted materials. Wetted materials include Pyrex glass, silicon, alumina ceramic, epoxy,
RTV, gold, aluminum, and nickel.


同様の部品番号 - SM5812-060-G-3-L

メーカー部品番号データシート部品情報
logo
Silicon Mitus, Inc.
SM5811 SILICONMITUS-SM5811 Datasheet
286Kb / 2P
   A Very High Efficiency, Low Quiescent 2.5A Buck-Boost Converter
July 2021 Rev. 0.0.3
logo
Nippon Precision Circui...
SM5813 NPC-SM5813 Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813AF NPC-SM5813AF Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813AP NPC-SM5813AP Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813APT NPC-SM5813APT Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
More results

同様の説明 - SM5812-060-G-3-L

メーカー部品番号データシート部品情報
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
HDI0611ABE8H3 SENSORTECHNICS-HDI0611ABE8H3 Datasheet
124Kb / 11P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com