データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT9232B データシート(PDF) 6 Page - Richtek Technology Corporation

部品番号 RT9232B
部品情報  Programmable Frequency Synchronous Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232B データシート(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9232B Datasheet HTML 2Page - Richtek Technology Corporation RT9232B Datasheet HTML 3Page - Richtek Technology Corporation RT9232B Datasheet HTML 4Page - Richtek Technology Corporation RT9232B Datasheet HTML 5Page - Richtek Technology Corporation RT9232B Datasheet HTML 6Page - Richtek Technology Corporation RT9232B Datasheet HTML 7Page - Richtek Technology Corporation RT9232B Datasheet HTML 8Page - Richtek Technology Corporation RT9232B Datasheet HTML 9Page - Richtek Technology Corporation RT9232B Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT9232B
6
DS9232B-03
March 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reference
Error Amplifier Reference Voltage
VREF
0.792
0.8
0.808
V
Error Amplifier
DC gain
--
88
--
dB
Gain-Bandwidth product
GBW
--
15
--
MHz
Slew Rate
SR
COMP=10pF
--
6
--
V/
μs
Soft Start
External SS Source Current
ISS
7
10
--
μA
PWM Controller Gate Driver
Upper Drive Source
RUG_SC
VBOOT − PHASE = 12V
VBOOT − UGATE = 1V
--
5.2
--
Ω
Upper Drive Sink
RUG_SK
VBOOT − PHASE = 1V
--
2.7
--
Ω
Lower Drive Source
RLG_SC
VPVCC − LGATE = 1V
--
3.5
--
Ω
Lower Drive Sink
RLG_SK
VLGATE = 1V
--
1.7
--
Ω
Driving Capability
Upper Drive Source
IUG_SC
VBOOT − UGATE = 12V
--
1.0
--
A
Upper Drive Sink
IUG_SK
VUGATE − PHASE = 12V
--
2.0
--
A
Lower Drive Source
ILG_SC
VPVCC − LGATE = 12V
--
1.6
--
A
Lower Drive Sink
ILG_SK
VLGATE − GND = 12V
--
3.2
--
A
Protection
OCSET Current Source
IOCSET
VOCSET = 11.5V
170
200
230
μA
Under-Voltage Protection
FB Falling
0.5
0.6
0.7
V
Under-Voltage Protection Delay
--
30
--
μs
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.


同様の部品番号 - RT9232B

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232 Datasheet
217Kb / 8P
   PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232 RICHTEK-RT9232 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232-CS RICHTEK-RT9232-CS Datasheet
217Kb / 8P
   PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232-MS RICHTEK-RT9232-MS Datasheet
217Kb / 8P
   PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results

同様の説明 - RT9232B

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
List of Unclassifed Man...
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
   4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com